Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801ASTZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADAV801ASTZ
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 17Page - Analog Devices ADAV801ASTZ Datasheet HTML 18Page - Analog Devices ADAV801ASTZ Datasheet HTML 19Page - Analog Devices ADAV801ASTZ Datasheet HTML 20Page - Analog Devices ADAV801ASTZ Datasheet HTML 21Page - Analog Devices ADAV801ASTZ Datasheet HTML 22Page - Analog Devices ADAV801ASTZ Datasheet HTML 23Page - Analog Devices ADAV801ASTZ Datasheet HTML 24Page - Analog Devices ADAV801ASTZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
ADAV801
Rev. 0 | Page 21 of 56
ut samples added to the write pointer of the
(512 − 16)/64 taps = 7.75
for short group delay and
(512 − 64)/64 taps = 7
for long group delay.
o of fS_IN/fS_OUT
The number of inp
FIFO on the SRC is 16 plus Bit 6 to Bit 0 of the group delay
register. This feature is useful in varispeed applications to
prevent the read pointer to the FIFO from running ahead of the
write pointer. When set, Bit 7 of the group delay and mute-in
register soft-mutes the sample rate. Increasing the offset of the
write address pointer is useful for applications in which small
changes in the sample rate ratio between fS_IN and fS_OUT are
expected. The maximum decimation rate can be calculated
from the RAM word depth and the group delay as
The digital servo loop is essentially a ramp filter that provides
the initial pointer to the address in RAM and ROM for the start
of the FIR convolution. The RAM pointer is the integer output
of the ramp filter, and the ROM is the fractional part. The
digital servo loop must provide excellent rejection of jitter on
the fS_IN and fS_OUT clocks, as well as measure the arrival of the
fS_OUT clock within 4.97 ps. The digital servo loop also divides
the fractional part of the ramp output by the rati
to dynamically alter the ROM coefficients when fS_IN > fS_OUT.
REG 0x00
BITS 1–0
REG 0x76
BIT 0
REG 0x76
BIT 1
REG 0x62
BITS 7–6
DIR
PLAYBACK
AUXILIARY IN
ADC
SRC
MCLK
SRC
OUTPUT
SRC
SRC
INPUT
Figure 33. Clock and Datapath Control on the SCR
The digital servo loop is implemented with a multirate filter. To
ttle the digital servo loop filter more quickly upon startup or a
added to the
ample rate is
easonable value, the digital
During fast mode, the MUTE_OUT bi
e error
e
he u
at clicks
ght
pres
l audio
tput of
e mu
Bit 7 of he group delay and
r
l t
ged to
he MU
an be
n inter
when the SRC
m
h
ing sample rate
onve
ly.
e
/fS_IN) × 220 ratio for
se
change in the sample rate, a fast mode has been
filter. When the digital servo loop starts up or the s
changed, the digital servo loop enters fast mode to adjust and
settle on the new sample rate. Upon sensing that the digital
servo loop is settling down to a r
servo loop returns to normal (or slow) mode.
t in the sample rat
regist r is asserted to let t
ser know th
or pops mi
be
ent in the digita
data. The ou
the SRC can
b
ted by asserting
t
mute registe
unti he SRC has chan
slow mode. T
TE_OUT bit
c
set to generate a
rupt
changes to
slow
ode, indicating that t e data is be
c
rted accurate
The frequency responses of the digital servo loop for fast mod
and slow mode are shown in Figure 34. The FIR filter is a 64-tap
filter when fS_OUT ≥ fS_IN and is (fS_IN/fS_OUT) × 64 taps when fS_IN >
fS_OUT. The FIR filter performs its convolution by loading in the
starting address of the RAM address pointer and the ROM
address pointer from the digital servo loop at the start of the
fS_OUT period. The FIR filter then steps through the RAM by
decrementing its address by 1 for each tap, and the ROM
pointer increments its address by the (fS_OUT
fS_IN > fS_OUT or 220 for fS_OUT ≥ fS_IN. Once the ROM address rolls
over, the convolution is completed.
FREQUENCY (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
0.01
0.1
1
10
100
1k
10k
100k
SLOW MODE
FAST MODE
–220
Figure 34. Frequency Response of the Digital Servo Loop. fS_IN is the X-Axis,
fS_OUT = 192 KHz, Master Clock is 30 MHz
The convolution is performed for both the left and right
channels, and the multiply accumulate circuit used for the
convolution is shared between the channels. The fS_IN/fS_OUT
sample rate ratio circuit is used to dynam cally alter the
in the ROM when fS_IN > fS_OUT. The ratio is
calculated by comparing the output of an fS_OUT counter to the
output of an fS_IN counter. If fS_OUT > fS_IN, the ratio is held at one.
UT
, the sample rate ratio is updated, if it is different
by more than two fS_OUT periods from the previous fS_OUT to fS_IN
comparison. This is done to provide some hysteresis to prevent
i
coefficients
If fS_IN > fS_O
the filter length from oscillating and causing distortion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com