Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801ASTZ Datasheet(PDF) 46 Page - Analog Devices

Part # ADAV801ASTZ
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ Datasheet(HTML) 46 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 42Page - Analog Devices ADAV801ASTZ Datasheet HTML 43Page - Analog Devices ADAV801ASTZ Datasheet HTML 44Page - Analog Devices ADAV801ASTZ Datasheet HTML 45Page - Analog Devices ADAV801ASTZ Datasheet HTML 46Page - Analog Devices ADAV801ASTZ Datasheet HTML 47Page - Analog Devices ADAV801ASTZ Datasheet HTML 48Page - Analog Devices ADAV801ASTZ Datasheet HTML 49Page - Analog Devices ADAV801ASTZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
ADAV801
Rev. 0 | Page 46 of 56
LL7
5
4
3
2
1
0
Table 61. DAC Left Volume Register
DVO
DVOLL6
DVOLL
DVOLL
DVOLL
DVOLL
DVOLL
DVOLL
7
6
5
4
3
2
1
0
ADDRESS = 1101000 (0x68)
DVOLL7–0
.
DAC left channel volume control
1111111 = 0 dBFS.
1111110 = −0.375 dBFS.
0000 = −95.625 dBFS.
000
Table 62. DAC Right Volume Register
LR7
DVOLR6
DVOLR5
DVOLR4
DVOLR3
DVOLR2
DVOLR1
DVOLR0
DVO
7
6
5
4
3
2
1
0
ADDRESS = 1101001 (0x69)
DVOLR7–0
DAC right channel volume control.
1111111 = 0 dBFS.
1111110 = −0.375 dBFS.
0000000 = −95.625 dBFS.
Table 63. DAC Left P
DLP5
DLP4
DLP3
DLP2
DLP1
DLP0
eak Volume Register
RES
RES
7
6
5
4
3
2
1
0
ADDRESS = 1101010 (0x6A)
DLP5–0
DAC left channel peak volume detection.
000000 = 0 dBFS.
000001 = −1 dBFS.
.
111111 = −63 dBFS
Table 64. DAC Right Peak Volume Register
DRP5
DRP4
DRP3
DRP2
DRP1
DRP0
RES
RES
7
6
5
4
3
2
1
0
ADDRESS = 1101011 (0x6B)
DRP5–0
DAC right channel peak volume detection.
000000 = 0 dBFS.
000001 = −1 dBFS.
111111 = −63 dBFS.
Table 65. ADC Left Chan
ter
AGL5
AGL4
AGL3
AGL2
AGL1
AGL0
nel PGA Gain Regis
RES
RES
7
6
5
4
3
2
1
0
ADDRESS = 1101100 (0x6C)
AGL5–0
PGA left channel gain control.
000000 = 0 dB.
000001 = 0.5 dB.
…
101111 = 23.5 dB.
110000 = 24 dB.
…
111111 = 24 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com