Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801ASTZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADAV801ASTZ
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 11Page - Analog Devices ADAV801ASTZ Datasheet HTML 12Page - Analog Devices ADAV801ASTZ Datasheet HTML 13Page - Analog Devices ADAV801ASTZ Datasheet HTML 14Page - Analog Devices ADAV801ASTZ Datasheet HTML 15Page - Analog Devices ADAV801ASTZ Datasheet HTML 16Page - Analog Devices ADAV801ASTZ Datasheet HTML 17Page - Analog Devices ADAV801ASTZ Datasheet HTML 18Page - Analog Devices ADAV801ASTZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
ADAV801
Rev. 0 | Page 15 of 56
TION
ck
c
and by a factor of 8 at
he
s
ther the
FUNCTIONAL DESCRIP
ADC SECTION
The ADAV801’s ADC section is implemented using a second-
order multibit (5 bits) Σ-∆ modulator. The modulator is
sampled at either half of the ADC MCLK rate (modulator clo
= 128 × fS) or one-quarter of the ADC MCLK rate (modulator
clock = 64 × fS). The digital decimator consists of a Sinc^5 filter
followed by a cascade of three half-band FIR filters. The Sin
decimates by a factor of 16 at 48 kHz
96 kHz. Each of the half-band filters decimates by a factor of 2.
Figure 23 shows the details of the ADC section. The ADC can
be clocked by a number of different clock sources to control t
sample rate. MCLK selection for the ADC is set by Internal
Clocking Control Register 1 (Address 0x76). The ADC provide
an output word of up to 24 bits in resolution in twos comple-
ment format. The output word can be routed to ei
output ports, the sample rate converter, or the SPDIF digital
transmitter.
REG 0x76
BITS 4–2
REG 0x6F
BITS 1–0
ADC MCLK
DIVIDER
ADC
MCLK
ADC
Figure 23. Clock Path Control on the ADC
Programmable Gain Amplifier (PGA)
The input of the record channel features a PGA that converts
the single-ended signal to a differential signal, which is applied
to the analog Σ-Δ modulator of the ADC. The PGA can be
programmed to amplify a signal by up to 24 dB in 0.5 dB
increments. Figure 24 shows the structure of the PGA circuit.
4k
Ω TO 64kΩ
125
Ω
CAPxN
EXTERNAL
CAPACITOR
(1nF NPO)
VREF
TO
MODULATOR
EXTERNAL
CAPACITOR
(1nF NPO)
CAPxP
EXTERNAL
CAPACITOR
(1nF NPO)
8k
Ω
8k
Ω
4k
Ω
125
Ω
Figure 24. PGA Block Diagram
Analog Σ-∆ Modulator
The ADC features a second-order, multibit, Σ-Δ modulator. The
input features two integrators in cascade followed by a flash
converter. This multibit output is directed to a scrambler,
followed by a DAC for loop feedback. The flash ADC outp
also converted from thermometer coding to binary codin
input as a 5-bit word to the decimator. F
ut is
g for
igure 25 shows the
ADC block diagram.
The ADC also features independent digital volume control for
the left and right channels. The volume control consists of
256 linear steps, with each step reducing the digital output
codes by 0.39%. Each channel also has a peak detector that
records the peak level of the input signal. The peak detector
register is cleared by reading it.
ADC MCLK
AMC
(REG 0X63
BIT-7)
MULTIBIT
Σ–∆
MODULATOR
DECIMATOR
HPF
PEAK
DETECT
VOLUME
ONTROL
C
SINC^5
HALF-BAND
FILTER
MODULATOR
CLOCK
(6.144MHz MAX)
384kHz
768kHz
SINC
COMPENSATION
192kHz
384kHz
HALF-BAND
FILTER
96kHz
192kHz
48kHz
96kHz
÷2
÷4
Diagram
Figure 25. ADC Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com