Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801ASTZ Datasheet(PDF) 55 Page - Analog Devices

Part # ADAV801ASTZ
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ Datasheet(HTML) 55 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 48Page - Analog Devices ADAV801ASTZ Datasheet HTML 49Page - Analog Devices ADAV801ASTZ Datasheet HTML 50Page - Analog Devices ADAV801ASTZ Datasheet HTML 51Page - Analog Devices ADAV801ASTZ Datasheet HTML 52Page - Analog Devices ADAV801ASTZ Datasheet HTML 53Page - Analog Devices ADAV801ASTZ Datasheet HTML 54Page - Analog Devices ADAV801ASTZ Datasheet HTML 55Page - Analog Devices ADAV801ASTZ Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
ADAV801
Rev. 0 | Page 55 of 56
OUTLINE DIMENSIONS
TOP VIEW
(PINS DOWN)
1
16
17
33
32
48
49
64
0.27
0.22
0.17
0.50
BSC
10.00
BSC SQ
1.60
MAX
SEATING
PLANE
0.75
0.60
0.45
VIEW A
12.00
BSC SQ
0.20
0.09
1.45
1.40
1.35
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
10°
6°
2°
7°
3.5°
0°
0.15
0.05
PIN 1
COMPLIANT TO JEDEC STANDARDS MS-026BCD
Figure 57. 64-Lead Low Profile Quad Flat Package [LQFP]
(ST-64-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Control
Interface
DAC Outputs
Package Description
Package
Option
ADAV801ASTZ1
−40°C to +85°C
SPI
Single-Ended
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
ADAV801ASTZ-REEL1
−40°C to +85°C
SPI
Single-Ended
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
1 Z = Pb free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com