Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801ASTZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADAV801ASTZ
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 39Page - Analog Devices ADAV801ASTZ Datasheet HTML 40Page - Analog Devices ADAV801ASTZ Datasheet HTML 41Page - Analog Devices ADAV801ASTZ Datasheet HTML 42Page - Analog Devices ADAV801ASTZ Datasheet HTML 43Page - Analog Devices ADAV801ASTZ Datasheet HTML 44Page - Analog Devices ADAV801ASTZ Datasheet HTML 45Page - Analog Devices ADAV801ASTZ Datasheet HTML 46Page - Analog Devices ADAV801ASTZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
ADAV801
Rev. 0 | Page 43 of 56
s
Bit 7
it 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit
Bi
Table 54. Q Subcode Buffer
Addres
B
1
t 0
0x55
Address
Address
Address
ss
Control
Control
Control
Control
Addre
0x56
Track
Tra
number
ck
Track
Track
number
Track
number
Track
number
Track
number
Track
number
number
number
0x57
Index
Index
Index
Index
Index
Index
Index
Index
0x58
Minute
te
Minute
Minute
Minute
Minute
Minute
Minute
Minu
0x59
Second
Second
Second
Second
Second
Second
Second
Second
0x5A
Frame
Frame
Frame
Frame
Frame
Frame
Frame
Frame
0x5B
Zero
Zero
Zero
Zero
Zero
Zero
Zero
Zero
0x5C
Absolute
minute
minute
Absolute
minute
Absolute
minute
Absolute
minute
Absolute
minute
Absolute
minute
Absolute
Absolute
minute
0x5D
Absolute
second
te
Absolute
second
Absolute
second
Absolute
second
Absolute
second
Absolute
second
Absolute
second
Absolu
second
0x5E
Absolute
frame
Absolute
frame
Absolute
frame
Absolute
frame
Absolute
frame
Absolute
frame
Absolute
frame
Absolute
frame
Table 55. Datapath Control Register 1
SRC1
SRC0
REC2
REC1
REC0
AUXO2
AUXO1
AUXO0
7
6
5
4
3
2
1
0
ADDRESS = 1100010 (0x62)
SRC1–0
Datapath source select for sample rate converter (SRC).
00 = ADC.
01 = DIR.
10 = Playback.
11 = Auxiliary in.
REC2–0
Datapath source select for record output port.
.
auxiliary output port.
000 = ADC.
001 = DIR.
010 = Playback.
011 = Auxiliary in
100 = SRC.
AUXO2–0
Datapath source select for
000 = ADC.
001 = DIR.
010 = Playback.
011 = Auxiliary in.
100 = SRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com