Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801ASTZ Datasheet(PDF) 54 Page - Analog Devices

Part # ADAV801ASTZ
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ Datasheet(HTML) 54 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 48Page - Analog Devices ADAV801ASTZ Datasheet HTML 49Page - Analog Devices ADAV801ASTZ Datasheet HTML 50Page - Analog Devices ADAV801ASTZ Datasheet HTML 51Page - Analog Devices ADAV801ASTZ Datasheet HTML 52Page - Analog Devices ADAV801ASTZ Datasheet HTML 53Page - Analog Devices ADAV801ASTZ Datasheet HTML 54Page - Analog Devices ADAV801ASTZ Datasheet HTML 55Page - Analog Devices ADAV801ASTZ Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
ADAV801
Rev. 0 | Page 54 of 56
LAYOUT CONSIDERATIONS
Getting the best performance from the ADAV801 requires a
careful layout of the printed circuit board (PCB). Using separate
analog and digital ground planes is recommended, because
these give the currents a low resistance path back to the power
supplies. The ground planes should be connected in only one
place, usually under the ADAV801, to prevent ground loops.
The analog and digital supply pins should be decoupled to their
respective ground pins with a 10 µF to 47 µF tantalum capacitor
and a 0.1 µF ceramic capacitor. These capacitors should be
placed as close as possible to the supply pins.
ADC
The ADC uses a switch capacitor input stage and is, therefore,
particularly sensitive to digital noise. Sources of noise, such as
PLLs or clocks, should not be routed close to the ADC section.
The CAPxN and CAPxP pins form a charge reservoir for the
switched capacitor section of the ADC, so keeping these nodes
electrically quiet is a key factor in ensuring good performance.
The capacitors connected to these pins should be of good
quality, either NPO or COG, and should be placed as close as
possible to CAPxN and CAPxP.
DAC
The DAC requires an analog filter to filter out-of-band noise
from the analog output. A third-order Bessel filter is
recommended, although the filter to use depends on the
f the application.
PLL
The PLL can be used to generate digital clocks, either for use
internally or to clock external circuitry. Because every clock is a
potential source of noise, care should be taken when using the
PLL. The ADAV801’s PLL outputs can be enabled or disabled, as
required. If the PLL clocks are not required by external circuitry,
it is recommended that the outputs be disabled. To reduce
cross-coupling between clocks, a digital ground trace can be
routed on either side of the PLL clock signal, if required.
The PLL has its own power supply pins. To get the best
performance from the PLL and from the rest of the ADAV801,
it is recommended that a separate analog supply be used. Where
this is not possible, the user must decide whether to connect the
PLL supply to the analog (AVDD) or digital (DVDD) supply.
Connecting the PLL supply to AVDD gives the best jitter
performance, but can degrade the performance of the ADC and
DAC sections slightly due to the increased digital noise created
on the AVDD by the PLL. Connecting the PLL supply to DVDD
keeps digital noise away from the analog supply, but the jitter
specifications might be reduced depending on the quality of the
digital supply. Using the layout recommendations described in
this section helps to reduce these effects.
RESET AND POWER-DOWN CONSIDERATIONS
When the ADAV801 is held in reset by bringing the RESET
requirements o
pin low, a number of circuit blocks remain powered up. For
example, the crystal oscillator circuit based around the XIN
and XOUT pins is still active, so that a stable clock source is
available when the ADAV801 is taken out of reset. Also, the
VCO associated with the SPDIF receiver is active so that the
receiver locks to the incoming SPDIF stream in the shortest
possible time. Where power consumption is a concern, the
individual blocks of the ADAV801 can be powered down via
the control registers to gain significant power savings. Table 82
shows typical power savings when using the power-down bits
in the control registers.
Table 82. Typical Power Requirements
Operating
Mode
AVDD
(mA)
DVDD
(mA)
ODVDD
(mA)
DIR_VDD
(mA)
Power
(mW)
Normal
50
25
5
5
280.5
Reset low
30
4
2.5
1
123.75
Power-down
bits
12
0.1
1.3
0.7
46.53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com