Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8893FQL Datasheet(PDF) 21 Page - Microchip Technology

Part # KSZ8893FQL
Description  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL Datasheet(HTML) 21 Page - Microchip Technology

Back Button KSZ8893FQL Datasheet HTML 17Page - Microchip Technology KSZ8893FQL Datasheet HTML 18Page - Microchip Technology KSZ8893FQL Datasheet HTML 19Page - Microchip Technology KSZ8893FQL Datasheet HTML 20Page - Microchip Technology KSZ8893FQL Datasheet HTML 21Page - Microchip Technology KSZ8893FQL Datasheet HTML 22Page - Microchip Technology KSZ8893FQL Datasheet HTML 23Page - Microchip Technology KSZ8893FQL Datasheet HTML 24Page - Microchip Technology KSZ8893FQL Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
KSZ8893FQL
DS00003038A-page 20
 2019 Microchip Technology Inc.
3.1.2
10BASE-FL OPERATION
10BASE-FL operation is supported on port 1 of the KSZ8893FQL. It conforms to clause 15 and 18 of the IEEE802.3
Standard for 10BASe-FL fiber operation. Refer to the Standard for details.
In a typical application, the KSZ8893FQL provides media conversion from 10BASE-FL fiber on port 1 to 10BASE-T cop-
per on port 2. Alternatively, port 2 can be substituted with port 3 to directly connect to an external MAC.
3.1.2.1
Physical Interface
For 10BASE-FL operation, port 1 interfaces with an external fiber module to drive 850 nm fiber optic links. The interface
connections between the KSZ8893FQL and fiber module are single-ended (common mode). 10BASE-FL signal trans-
mission and reception are done on TXM1 (pin 49) and RXM1 (pin 46), respectively. Refer to Microchip’s reference sche-
matic for recommended interface circuit and termination.
3.1.2.2
Enabling 10BASE-FL Mode
To enable 10BASE-FL mode, tie FXSD1 (pin 44) high to +3.3V and MUX2 (pin 41) low-to-ground. Port 1 should also be
configured with auto-negotiation disabled, forced to 10 Mbps for the speed, and set to either half- or full-duplex. Option-
ally, flow control can be enabled to send out PAUSE frames in full-duplex mode.
The 10BASE-FL settings use the same strapping pins, MIIM registers and port registers as 10BASE-T copper. These
settings are summarized in Table 3-4.
11
PDD#
IPU
Power-Down Detect: Used by terminal MC to detect a power-down con-
dition or indicate a failure has occurred.
1 = Normal operation
0 = Power down detected
After detecting a high-to-low transition on this pin, the KSZ8893FQL
then sends out an “Indicate Terminal MC Condition” OAM frame with
the S0 status bit set to ‘1’ to inform the center MC that a power down
condition or failure has occurred on the terminal MC side.
If this pin is implemented, PWRDN (pin 36) needs to be deasserted
(pulled up).
17
P1FST
OPU
Drives low to indicate fault conditions (far-end fault detected, link part-
ner’s fiber or UTP port down), or MC loopback mode. This pin has 8 mA
drive and can directly drive a LED.
18
P1CRCD
IPD
Used by terminal MC for MC loopback – strap-in pin to select:
1 = Drop OAM frames and Ethernet frames with the following errors:
CRC, undersize, oversize. Loopback Ethernet frames with only good
CRC and valid length.
0 = Drop OAM frames only. Loopback all Ethernet frames including
those with errors.
19
P1LPBM
IPD
Used by terminal MC for MC loopback – strap-in pin to select:
1 = Perform MC loopback at PHY of port 1
0 = Perform MC loopback at MAC of port 2
See also register 11 (0x0B) bits[3:2].
34
ML_EN
IPD
Used by terminal MC for Missing Link Indication – strap-in pin to select:
1 = Enable Missing Link feature
0 = Disable Missing Link feature
35
DIAGF
IPD
Used by terminal MC for Diagnostic status:
1 = Diagnostic fail
0 = Diagnostic normal
After detecting a change of state on this pin, the KSZ8893FQL sends
out an “Indicate Terminal MC Condition” OAM frame with the S3 status
bit set to the state of this pin to inform the center MC that a diagnostic
status change has occurred on the terminal MC side.
TABLE 3-3:
DEDICATED TS-1000 PINS (CONTINUED)
Pin
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com