Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8893FQL Datasheet(PDF) 31 Page - Microchip Technology

Part # KSZ8893FQL
Description  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL Datasheet(HTML) 31 Page - Microchip Technology

Back Button KSZ8893FQL Datasheet HTML 27Page - Microchip Technology KSZ8893FQL Datasheet HTML 28Page - Microchip Technology KSZ8893FQL Datasheet HTML 29Page - Microchip Technology KSZ8893FQL Datasheet HTML 30Page - Microchip Technology KSZ8893FQL Datasheet HTML 31Page - Microchip Technology KSZ8893FQL Datasheet HTML 32Page - Microchip Technology KSZ8893FQL Datasheet HTML 33Page - Microchip Technology KSZ8893FQL Datasheet HTML 34Page - Microchip Technology KSZ8893FQL Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 109 page
background image
KSZ8893FQL
DS00003038A-page 30
 2019 Microchip Technology Inc.
3.3.8
MII INTERFACE OPERATION
The Media Independent Interface (MII) is specified in Clause 22 of the IEEE 802.3u Standard. It provides a common
interface between physical layer and MAC layer devices. The MII provided by the KSZ8893FQL is connected to device’s
third MAC. The interface contains two distinct groups of signals: one for transmission and the other for reception.
Table 3-9 describes the signals used by the MII bus.
TABLE 3-9:
MII SIGNALS
PHY Mode Connections
Pin Description
MAC Mode Connections
External MAC
Controller Signals
KSZ8893FQL
PHY Signals
External PHY
Signals
KSZ8893FQL
MAC Signals
MTXEN
SMTXEN
Transmit Enable
MTXEN
SMRXDV
MTXER
SMTXER
Transmit Error
MTXER
(NOT USED)
MTXD3
SMTXD[3]
Transmit Data Bit 3
MTXD3
SMRXD[3]
MTXD2
SMTXD[2]
Transmit Data Bit 2
MTXD2
SMRXD[2]
MTXD1
SMTXD[1]
Transmit Data Bit 1
MTXD1
SMRXD[1]
MTXD0
SMTXD[0]
Transmit Data Bit 0
MTXD0
SMRXD[0]
MTXC
SMTXC
Transmit Clock
MTXC
SMRXC
MCOL
SCOL
Collision Detection
MCOL
SCOL
MCRS
SCRS
Carrier Sense
MCRS
SCRS
MRXDV
SMRXDV
Receive Data Valid
MRXDV
SMTXEN
MRXER
(NOT USED)
Receive Error
MRXER
SMTXER
MRXD3
SMRXD[3]
Receive Data Bit 3
MRXD3
SMTXD[3]
MRXD2
SMRXD[2]
Receive Data Bit 2
MRXD2
SMTXD[2]
MRXD1
SMRXD[1]
Receive Data Bit 1
MRXD1
SMTXD[1]
MRXD0
SMRXD[0]
Receive Data Bit 0
MRXD0
SMTXD[0]
MRXC
SMRXC
Receive Clock
MRXC
SMTXC
The MII operates in either PHY mode or MAC mode. The data interface is a nibble wide and runs at one-quarter the
network bit rate (not encoded). Additional signals on the transmit side indicate when data is valid or when an error has
occurred during transmission. Similarly, the receive side has signals that convey when the data is valid and without phys-
ical layer errors. For half-duplex operation, the SCOL signal indicates if a collision has occurred during transmission.
The KSZ8893FQL does not provide the MRXER signal for PHY mode operation and the MTXER signal for MAC mode
operation. Normally, MRXER indicates a receive error coming from the physical layer device and MTXER indicates a
transmit error from the MAC device. Because the switch filters error frames, these MII error signals are not used by the
KSZ8893FQL. So, for PHY mode operation, if the device interfacing with the KSZ8893FQL has an MRXER input pin, it
needs to be tied low. And, for MAC mode operation, if the device interfacing with the KSZ8893FQL has an MTXER input
pin, it also needs to be tied low.
3.3.9
RMII INTERFACE OPERATION
The Reduced Media Independent Interface (RMII) specifies a low pin count Media Independent Interface (MII). RMII
provides a common interface between physical layer and MAC layer devices, and has the following key characteristics:
• Supports 10 Mbps and 100 Mbps data rates.
• Uses a single 50 MHz clock reference (provided externally).
• Provides independent 2-bit wide (di-bit) transmit and receive data paths.
• Contains two distinct groups of signals: one for transmission and the other for reception
The RMII provided by the KSZ8893FQL is connected to the device’s third MAC. It complies with the RMII Specification.
The following table describes the signals used by the RMII bus. Refer to RMII Specification for full detail on the signal
description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com