Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8893FQL Datasheet(PDF) 13 Page - Microchip Technology

Part # KSZ8893FQL
Description  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL Datasheet(HTML) 13 Page - Microchip Technology

Back Button KSZ8893FQL Datasheet HTML 9Page - Microchip Technology KSZ8893FQL Datasheet HTML 10Page - Microchip Technology KSZ8893FQL Datasheet HTML 11Page - Microchip Technology KSZ8893FQL Datasheet HTML 12Page - Microchip Technology KSZ8893FQL Datasheet HTML 13Page - Microchip Technology KSZ8893FQL Datasheet HTML 14Page - Microchip Technology KSZ8893FQL Datasheet HTML 15Page - Microchip Technology KSZ8893FQL Datasheet HTML 16Page - Microchip Technology KSZ8893FQL Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
 2019 Microchip Technology Inc.
DS00003038B-page 13
KSZ8893FQL
81
SMRXDV
O
Switch MII receive data valid I/O
82
SMRXD3
IPD/O
Switch MII receive data bit 3
Strap option: switch MII full-duplex flow control
PD (default) = disable
PU = enable
83
SMRXD2
IPD/O
Switch MII receive data bit 2
Strap option: switch MII is in
PD (default) = full-duplex mode
PU = half-duplex mode
84
SMRXD1
IPD/O
Switch MII receive data bit 1
Strap option: Switch MII is in
PD (default) = 100 Mbps mode
PU = 10 Mbps mode
85
SMRXD0
I/O
Switch MII receive data bit 0
Strap option: switch will accept packet size up to
PD = 1536 bytes (inclusive)
PU = 1522 bytes (tagged), 1518 bytes (untagged)
86
SCOL
I/O
Switch MII collision detect
87
SCRS
I/O
Switch MII carrier sense
88
SCONF1
I
Switch MII interface configuration
(SCONF1, SCONF0)
Description
(0,0)
Disable, outputs tri-stated
89
SCONF0
(0,1)
PHY mode MII
(1,0)
MAC mode MII
(1,1)
PHY mode SNI
90
DGND
GND
Digital core ground
91
VDDC
P
1.2V digital VDD
92
UNUSED
I
Unused pin - externally pull down for normal operation
93
UNUSED
I
Unused pin - externally pull down for normal operation
94
MDC
I
MII management interface: clock input
95
MDIO
I/O
MII management interface: data input/output
Note: an external pull-up is needed on this pin when it is in use
96
SPIQ
O
SPI slave mode: serial data output
See description in pins 100 and 101
Note: an external pull-up is needed on this pin when it is in use
97
SCL
I/O
SPI slave mode/ I2C slave mode: clock input
I2C master/slave mode: clock output
See description in pins 100 and 101
TABLE 2-1:
SIGNALS (CONTINUED)
Pin
Number
Pin
Name
Type
Note
2-1
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com