Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8893FQL Datasheet(PDF) 53 Page - Microchip Technology

Part # KSZ8893FQL
Description  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL Datasheet(HTML) 53 Page - Microchip Technology

Back Button KSZ8893FQL Datasheet HTML 49Page - Microchip Technology KSZ8893FQL Datasheet HTML 50Page - Microchip Technology KSZ8893FQL Datasheet HTML 51Page - Microchip Technology KSZ8893FQL Datasheet HTML 52Page - Microchip Technology KSZ8893FQL Datasheet HTML 53Page - Microchip Technology KSZ8893FQL Datasheet HTML 54Page - Microchip Technology KSZ8893FQL Datasheet HTML 55Page - Microchip Technology KSZ8893FQL Datasheet HTML 56Page - Microchip Technology KSZ8893FQL Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 109 page
background image
KSZ8893FQL
DS00003038B-page 52
 2019 Microchip Technology Inc.
2
Aging Enable
R/W
1 = Enable age function in the chip
0 = Disable age function in the chip
Invert of
P2LED3 (pin 20)
value during
reset
Note: P2LED3
has internal pull-
down.
1
Fast Age Enable
R/W
1 = Turn on fast age (800 μs)
0
0
Aggressive Back-Off
Enable
R/W
1 = Enable more aggressive back off algorithm in half-
duplex mode to enhance performance. This is not an
IEEE standard.
0
Register 4 (0x04): Global Control 2
7
Unicast Port-VLAN
Mismatch Discard
R/W
This feature is used with port-VLAN (described in reg.
17, reg. 33, etc.)
1 = All packets cannot cross VLAN boundary
0 = Unicast packets (excluding unknown/multicast/
broadcast) can cross VLAN boundary
Note: Port mirroring is not supported if this bit is set to
“0”.
1
6
Multicast Storm
Protection Disable
R/W
1 = Broadcast Storm Protection does not include
multicast packets. Only DA = FF-FF-FF-FF-FF-FF
packets will be regulated.
0 = Broadcast Storm Protection includes DA = FF-FF-
FF-FF-FF-FF and DA[40] = 1 packets.
1
5
Back Pressure Mode
R/W
1 = Carrier sense based back pressure is selected
0 = Collision based back pressure is selected
1
4
Flow Control and
Back Pressure Fair
Mode
R/W
1 = Fair mode is selected. In this mode, if a flow con-
trol port and a non-flow control port talk to the same
destination port, packets from the non-flow control
port may be dropped. This is to prevent the flow con-
trol port from being flow controlled for an extended
period of time.
0 = In this mode, if a flow control port and a non-flow
control port talk to the same destination port, the flow
control port will be flow controlled. This may not be
“fair” to the flow control port.
1
3
No Excessive
Collision Drop
R/W
1 = The switch will not drop packets when 16 or more
collisions occur.
0 = The switch will drop packets when 16 or more col-
lisions occur.
0
2
Huge Packet
Support
R/W
1 = Will accept packet sizes up to 1916 bytes (inclu-
sive). This bit setting will override setting from bit 1 of
this register.
0 = The max packet size will be determined by bit 1 of
this register.
0
1
Legal Maximum
Packet Size Check
Enable
R/W
0 = Will accept packet sizes up to 1536 bytes (inclu-
sive).
1 = 1522 bytes for tagged packets, 1518 bytes for
untagged packets. Any packets larger than the speci-
fied value will be dropped.
SMRXD0 (pin
85) value during
reset
TABLE 4-7:
GLOBAL REGISTERS (0-15) (CONTINUED)
Bit
Name
R/W
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com