Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8893FQL Datasheet(PDF) 97 Page - Microchip Technology

Part # KSZ8893FQL
Description  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL Datasheet(HTML) 97 Page - Microchip Technology

Back Button KSZ8893FQL Datasheet HTML 93Page - Microchip Technology KSZ8893FQL Datasheet HTML 94Page - Microchip Technology KSZ8893FQL Datasheet HTML 95Page - Microchip Technology KSZ8893FQL Datasheet HTML 96Page - Microchip Technology KSZ8893FQL Datasheet HTML 97Page - Microchip Technology KSZ8893FQL Datasheet HTML 98Page - Microchip Technology KSZ8893FQL Datasheet HTML 99Page - Microchip Technology KSZ8893FQL Datasheet HTML 100Page - Microchip Technology KSZ8893FQL Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 109 page
background image
KSZ8893FQL
DS00003038B-page 96
 2019 Microchip Technology Inc.
7.5
SPI Timing
FIGURE 7-9:
SPI INPUT TIMING
SPIQ
SPIC
SPID
SPIS_N
High Impedance
MSB
tCHSL
tSLCH
tDVCH
tCHDX
tDLDH
tDHDL
LSB
tCLCH
tCHCL
tSHCH
tCHSH
tSHSL
TABLE 7-5:
SPI INPUT TIMING PARAMETERS
Parameter
Description
Min.
Max.
Units
fC
Clock frequency
—
5
MHz
tCHSL
SPIS_N inactive hold time
90
—
ns
tSLCH
SPIS_N active setup time
90
—
ns
tCHSH
SPIS_N active old time
90
—
ns
tSHCH
SPIS_N inactive setup time
90
—
ns
tSHSL
SPIS_N deselect time
100
—
ns
tDVCH
Data input setup time
20
—
ns
tCHDX
Data input hold time
30
—
ns
tCLCH
Clock rise time
—
1
μs
tCHCL
Clock fall time
—
1
μs
tDLDH
Data input rise time
—
1
μs
tDHDL
Data input fall time
—
1
μs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com