Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8893FQL Datasheet(PDF) 49 Page - Microchip Technology

Part # KSZ8893FQL
Description  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL Datasheet(HTML) 49 Page - Microchip Technology

Back Button KSZ8893FQL Datasheet HTML 45Page - Microchip Technology KSZ8893FQL Datasheet HTML 46Page - Microchip Technology KSZ8893FQL Datasheet HTML 47Page - Microchip Technology KSZ8893FQL Datasheet HTML 48Page - Microchip Technology KSZ8893FQL Datasheet HTML 49Page - Microchip Technology KSZ8893FQL Datasheet HTML 50Page - Microchip Technology KSZ8893FQL Datasheet HTML 51Page - Microchip Technology KSZ8893FQL Datasheet HTML 52Page - Microchip Technology KSZ8893FQL Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 109 page
background image
KSZ8893FQL
DS00003038B-page 48
 2019 Microchip Technology Inc.
10
Pause
RO
Link partner pause capability
0
Reg. 30, bit 4
Reg. 46, bit 4
9
Reserved
RO
—
0
—
8
Adv 100 Full
RO
Link partner 100 full-duplex capability
0
Reg. 30, bit 3
Reg. 46, bit 3
7
Adv 100 Half
RO
Link partner 100 half-duplex capability
0
Reg. 30, bit 2
Reg. 46, bit 2
6
Adv 10 Full
RO
Link partner 10 full-duplex capability
0
Reg. 30, bit 1
Reg. 46, bit 1
5
Adv 10 Half
RO
Link partner 10 half-duplex capability
0
Reg. 30, bit 0
Reg. 46, bit 0
4-0
Reserved
RO
—
00000
—
PHY1 Register 29 (PHYAD = 0x1, REGAD = 0x1D): LINKMD Control/Status
PHY2 Register 29 (PHYAD = 0x2, REGAD = 0x1D): LINKMD Control/Status
15
Vct_enable
R/W
(SC)
1 = Enable cable diagnostic. After VCT test
has completed, this bit will be self-cleared.
0 = Indicate cable diagnostic test (if enabled)
has completed and the status information is
valid for read.
0
Reg. 26, bit 4
Reg. 42, bit 4
14-13
Vct_result
RO
00 = Normal condition
01 = Open condition detected in cable
10 = Short condition detected in cable
11 = Cable diagnostic test has failed
00
Reg 26, bit[6:5]
Reg 42, bit[6:5]
12
Vct 10M
Short
RO
1 = Less than 10 meter short
0
Reg. 26, bit 7
Reg. 42, bit 7
11-9
Reserved
RO
Reserved
000
—
8-0
Vct_-
fault_count
RO
Distance to the fault.
It’s approximately 0.4m*vct_fault_count[8:0]
{0, (0x00)}
{(Reg. 26, bit 0),
(Reg. 27, bit[7:0])}
{(Reg. 42, bit 0),
(Reg. 43, bit[7:0])}
PHY1 Register 31 (PHYAD = 0x1, REGAD = 0x1F): PHY Special Control/Status
PHY2 Register 31 (PHYAD = 0x2, REGAD = 0x1F): PHY Special Control/Status
15-6
Reserved
RO
Reserved
{(0x00),00} —
5
Polrvs
RO
1 = Polarity is reversed
0 = Polarity is not reversed
0
Reg. 31, bit 5
Reg. 47, bit 5
4
MDI-X status
RO
1 = MDI
0 = MDI-X
0
Reg. 30, bit 7
Reg. 46, bit 7
3
Force_lnk
R/W
1 = Force link pass
0 = Normal Operation
0
Reg. 26, bit 3
Reg. 42, bit 3
2
Pwrsave
R/W
0 = Enable power saving
1 = Disable power saving
1
Reg. 26, bit 2
Reg. 42, bit 2
1
Remote
Loopback
R/W
1 = Perform Remote loopback, as follows:
Port 1 (reg. 26, bit 1 = ‘1’)
Start: RXP1/RXM1 (port 1)
Loopback: PMD/PMA of port 1’s PHY
End: TXP1/TXM1 (port 1)
Port 2 (reg. 42, bit 1 = ‘1’)
Start: RXP2/RXM2 (port 2)
Loopback: PMD/PMA of port 2’s PHY
End: TXP2/TXM2 (port 2)
0 = Normal Operation
0
Reg. 26, bit 1
Reg. 42, bit 1
TABLE 4-2:
REGISTER DESCRIPTIONS (CONTINUED)
Bit
Name
R/W
Description
Default
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com