Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8893FQL Datasheet(PDF) 78 Page - Microchip Technology

Part # KSZ8893FQL
Description  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL Datasheet(HTML) 78 Page - Microchip Technology

Back Button KSZ8893FQL Datasheet HTML 74Page - Microchip Technology KSZ8893FQL Datasheet HTML 75Page - Microchip Technology KSZ8893FQL Datasheet HTML 76Page - Microchip Technology KSZ8893FQL Datasheet HTML 77Page - Microchip Technology KSZ8893FQL Datasheet HTML 78Page - Microchip Technology KSZ8893FQL Datasheet HTML 79Page - Microchip Technology KSZ8893FQL Datasheet HTML 80Page - Microchip Technology KSZ8893FQL Datasheet HTML 81Page - Microchip Technology KSZ8893FQL Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 109 page
background image
 2019 Microchip Technology Inc.
DS00003038B-page 77
KSZ8893FQL
4.5
Advanced Control Registers (Registers 96-141)
The IPv4/IPv6 Type of Service (TOS) Priority Control Registers implement a fully decoded, 128-bit Differentiated Ser-
vices Code Point (DSCP) register set that is used to determine priority from the TOS field in the IP header. The most
significant 6 bits of the TOS field are fully decoded into 64 possibilities, and the singular code that results is compared
against the corresponding bits in the DSCP register to determine the priority.
TABLE 4-10:
ADVANCED CONTROL REGISTERS (REGISTERS 96-141)
Bit
Name
R/W
Description
Default
Register 96 (0x60): TOS Priority Control Register 0
7-6
DSCP[7:6]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x0C.
00
5-4
DSCP[5:4]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x08.
00
3-2
DSCP[3:2]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x04.
00
1-0
DSCP[1:0]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x00.
00
Register 97 (0x61): TOS Priority Control Register 1
7-6
DSCP[15:14]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x1C.
00
5-4
DSCP[13:12]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x18.
00
3-2
DSCP[11:10]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x14.
00
1-0
DSCP[9:8]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x10.
00
Register 98 (0x62): TOS Priority Control Register 2
7-6
DSCP[23:22]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x2C.
00
5-4
DSCP[21:20]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x28.
00
3-2
DSCP[19:18]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x24.
00
1-0
DSCP[17:16]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x20.
00
Register 99 (0x63): TOS Priority Control Register 3
7-6
DSCP[31:30]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x3C.
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com