Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R404M Datasheet(PDF) 8 Page - u-blox AG

Part # SARA-R404M
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R404M Datasheet(HTML) 8 Page - u-blox AG

Back Button SARA-R404M Datasheet HTML 4Page - u-blox AG SARA-R404M Datasheet HTML 5Page - u-blox AG SARA-R404M Datasheet HTML 6Page - u-blox AG SARA-R404M Datasheet HTML 7Page - u-blox AG SARA-R404M Datasheet HTML 8Page - u-blox AG SARA-R404M Datasheet HTML 9Page - u-blox AG SARA-R404M Datasheet HTML 10Page - u-blox AG SARA-R404M Datasheet HTML 11Page - u-blox AG SARA-R404M Datasheet HTML 12Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Functional description
Page 8 of 43
Item
SARA-R404M
SARA-R410M
SARA-R412M
SARA-N410
Protocol stack
3GPP Release 13
3GPP Release 13
3GPP Release 13
3GPP Release 13
RAT
LTE Cat M1 Half-Duplex LTE Cat M1 Half-Duplex
LTE Cat NB1 Half-Duplex 2, 4, 5, 7
LTE Cat M1 Half-Duplex
LTE Cat NB1 Half-Duplex
2G GPRS / EGPRS
LTE Cat NB1 Half-Duplex
LTE FDD bands Band 13 (750 MHz)
Band 1 (2100 MHz) 2, 5
Band 2 (1900 MHz) 7
Band 3 (1800 MHz) 2, 5
Band 4 (1700 MHz) 7
Band 5 (850 MHz)
Band 8 (900 MHz) 2, 5
Band 12 (700 MHz) 7
Band 13 (750 MHz) 2, 7
Band 18 (850 MHz) 2, 4, 5, 7
Band 19 (850 MHz) 2, 4, 5
Band 20 (800 MHz) 2, 5, 7
Band 25 (1900 MHz) 2, 3, 4, 5, 6, 7
Band 26 (850 MHz) 2, 4, 5
Band 28 (700 MHz) 2, 5, 7
Band 2 (1900 MHz)
Band 3 (1800 MHz)
Band 4 (1700 MHz)
Band 5 (850 MHz)
Band 8 (900 MHz)
Band 12 (700 MHz)
Band 13 (750 MHz)
Band 20 (800 MHz)
Band 26 (850 MHz) 8
Band 28 (700 MHz) 8
Band 2 (1900 MHz)
Band 3 (1800 MHz)
Band 4 (1700 MHz)
Band 5 (850 MHz)
Band 8 (900 MHz)
Band 12 (700 MHz)
Band 13 (750 MHz)
Band 20 (800 MHz)
Band 28 (700 MHz)
2G bands
GSM 850 MHz
E-GSM 900 MHz
DCS 1800 MHz
PCS 1900 MHz
Power class
LTE Cat M1:
Class 3 (23 dBm)
LTE Cat M1 / NB19:
Class 3 (23 dBm)
LTE category M1 / NB1:
Class 3 (23 dBm)
2G GMSK:
Class 4 (33 dBm) for
GSM/E-GSM bands
Class 1 (30 dBm) for
DCS/PCS bands
2G 8-PSK:
Class E2 (27 dBm) for
GSM/E-GSM bands
Class E2 (26 dBm) for
DCS/PCS bands
LTE category NB1:
Class 3 (23 dBm)
Data rate
LTE category M1:
up to 375 kb/s UL
up to 300 kb/s DL
LTE category M1:
up to 375 kb/s UL
up to 300 kb/s DL
LTE category NB19:
up to 62.5 kb/s UL
up to 27.2 kb/s DL
LTE category M1:
up to 375 kb/s UL
up to 300 kb/s DL
LTE category NB1:
up to 62.5 kb/s UL
up to 27.2 kb/s DL
GPRS multi-slot class 3310:
Up to 85.6 kb/s UL
Up to 107 kb/s DL
EGPRS multi-slot class 3310:
Up to 236.8 kb/s UL
Up to 296.0 kb/s DL
LTE category NB1:
up to 62.5 kb/s UL
up to 27.2 kb/s DL
Table 2: SARA-R4 series LTE Cat M1, LTE Cat NB1, EGPRS and GPRS characteristics
2 Not supported by the SARA-R410M-01B product version.
3 Not supported by the SARA-R410M-02B-00 product version.
4 Not supported by the SARA-R410M-52B-00 product version.
5 Not supported by the SARA-R410M-52B-01 product version.
6 Not supported in LTE Cat NB1 by the SARA-R410M-02B-01 product version.
7 Not supported by the SARA-R410M-63B and SARA-R410M-73B product version.
8 Not supported by the SARA-R412M-02B-00 product version.
9 LTE Cat NB1 not supported by SARA-R410M-01B, SARA-R410M-52B, SARA-R410M-63B, SARA-R410M-73B product versions.
10 GPRS/EGPRS multi-slot class 33 implies a maximum of 5 slots in Down-Link and 4 slots in Up-Link with 6 slots in total.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com