Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R404M Datasheet(PDF) 28 Page - u-blox AG

Part # SARA-R404M
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R404M Datasheet(HTML) 28 Page - u-blox AG

Back Button SARA-R404M Datasheet HTML 24Page - u-blox AG SARA-R404M Datasheet HTML 25Page - u-blox AG SARA-R404M Datasheet HTML 26Page - u-blox AG SARA-R404M Datasheet HTML 27Page - u-blox AG SARA-R404M Datasheet HTML 28Page - u-blox AG SARA-R404M Datasheet HTML 29Page - u-blox AG SARA-R404M Datasheet HTML 30Page - u-blox AG SARA-R404M Datasheet HTML 31Page - u-blox AG SARA-R404M Datasheet HTML 32Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Electrical specifications
Page 28 of 43
4.2.11 USB pins
USB data lines (USB_D+/ USB_D–) are compliant to the USB 2.0 high-speed specification. See the
Universal Serial Bus revision 2.0 specification [11] for detailed electrical characteristics.
Parameter
Min.
Typical Max.
Unit
Remarks
USB detection voltage on pin VUSB_DET
4.40
5.00
5.25
V
High-speed squelch detection threshold
(input differential signal amplitude)
100
150
mV
High speed disconnect detection threshold
(input differential signal amplitude)
525
625
mV
High-speed data signaling input
common mode voltage range
-50
500
mV
High-speed idle output level
-10
10
mV
High-speed data signaling output high level
360
440
mV
High-speed data signaling output low level
-10
10
mV
Chirp J level (output differential voltage)
700
1100
mV
Chirp K level (output differential voltage)
-900
-500
mV
Table 22: USB pin characteristics
4.2.12 Generic digital interfaces pins
Parameter
Min
Typical
Max
Unit
Remarks
Internal supply for GDI domain
1.80
V
Digital I/O Interfaces supply (V_INT)
Low-level input
-0.30
0.00
0.63
V
High-level input
1.17
1.80
2.10
V
Low-level output
0.00
0.45
V
Max value at IOL = +2.0 mA
High-level output
1.35
1.80
V
Min value at IOH = –2.0 mA
Input leakage current
-1
1
µ
A
VIN =0 V or VIN =1.8V
Internal pull-up / pull-down
resistance
55
390
k
Table 23: GDI pin characteristics
4.2.13 DDC (I2C) pins
DDC (I2C) lines (SCL and SDA) are compliant to the I2C-bus standard mode specification. See the
I2C-bus specification [12] for detailed electrical characteristics.
Parameter
Min
Typical
Max
Unit
Remarks
Internal supply for GDI domain
1.80
V
Digital I/O Interfaces supply (V_INT)
Low-level input
-0.30
0.00
0.63
V
High-level input
1.17
1.80
2.10
V
Low-level output
0.00
0.45
V
Max value at IOL = +2.0 mA
Internal pull-up resistance
2.2
k
Input/output leakage current
-1
1
µ
A
VIN =0 V or VIN =1.8V
Clock frequency on SCL
100
kHz
Table 24: DDC (I2C) pin characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com