Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R404M Datasheet(PDF) 16 Page - u-blox AG

Part # SARA-R404M
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R404M Datasheet(HTML) 16 Page - u-blox AG

Back Button SARA-R404M Datasheet HTML 12Page - u-blox AG SARA-R404M Datasheet HTML 13Page - u-blox AG SARA-R404M Datasheet HTML 14Page - u-blox AG SARA-R404M Datasheet HTML 15Page - u-blox AG SARA-R404M Datasheet HTML 16Page - u-blox AG SARA-R404M Datasheet HTML 17Page - u-blox AG SARA-R404M Datasheet HTML 18Page - u-blox AG SARA-R404M Datasheet HTML 19Page - u-blox AG SARA-R404M Datasheet HTML 20Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Pin definition
Page 16 of 43
3 Pin definition
3.1 Pin assignment
64 63
61 60
58 57
55 54
22 23
25 26
28 29
31 32
11
10
8
7
5
4
2
1
21
19
18
16
15
13
12
43
44
46
47
49
50
52
53
33
35
36
38
39
41
42
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
CTS
RTS
DCD
RI
V_INT
RSVD
GND
GPIO6
RESET_N
GPIO1
PWR_ON
RXD
TXD
3
20
17
14
9
6
24
27
30
51
48
45
40
37
34
59
62
56
GND
GND
DSR
DTR
GND
VUSB_DET
GND
GND
GND
SDIO_D2
SDIO_CMD
SDIO_D0
SDIO_D1
GND
VCC
VCC
RSVD
I2S_TXD / SPI_CS
I2S_CLK / SPI_CLK
SIM_CLK
SIM_IO
VSIM
GPIO5
VCC
SDIO_D3
SDIO_CLK
SIM_RST
I2S_RXD / SPI_MISO
I2S_WA / SPI_MOSI
SARA-R4/N4
Top View
Pin 65-96: GND
Figure 2: SARA-R4 series pin assignment (top view)
No
Name
Power
domain
I/O
Description
Remarks
1
GND
-
N/A
Ground
All the GND pins must be connected to ground
2
RSVD
-
N/A
RESERVED pin
Leave unconnected.
3
GND
-
N/A
Ground
All the GND pins must be connected to ground
4
V_INT
-
O
Generic Digital
Interfaces supply output
V_INT = 1.8 V (typical) generated by the module when is
switched on, outside low power PSM deep sleep mode.
See section 4.2.3 for detailed electrical specs.
Provide test point for diagnostic purposes.
5
GND
-
N/A
Ground
All the GND pins must be connected to ground
6
DSR
GDI
O
UART data set ready
Circuit 107 (DSR) in ITU-T V.24.
See section 4.2.12 for detailed electrical specs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com