Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R404M Datasheet(PDF) 22 Page - u-blox AG

Part # SARA-R404M
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R404M Datasheet(HTML) 22 Page - u-blox AG

Back Button SARA-R404M Datasheet HTML 18Page - u-blox AG SARA-R404M Datasheet HTML 19Page - u-blox AG SARA-R404M Datasheet HTML 20Page - u-blox AG SARA-R404M Datasheet HTML 21Page - u-blox AG SARA-R404M Datasheet HTML 22Page - u-blox AG SARA-R404M Datasheet HTML 23Page - u-blox AG SARA-R404M Datasheet HTML 24Page - u-blox AG SARA-R404M Datasheet HTML 25Page - u-blox AG SARA-R404M Datasheet HTML 26Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Electrical specifications
Page 22 of 43
4.2.3 Supply/power pins
Symbol
Parameter
Module
Min.
Typical
Max.
Unit
VCC
Module supply normal operating input voltage 22
SARA-R404M
SARA-R410M
SARA-N410
3.2
3.8
4.2
V
SARA-R412M
3.2
3.8
4.5
V
Module supply extended operating input voltage 23
SARA-R404M
SARA-R410M
SARA-N410
3.0
3.8
4.3
V
SARA-R412M
3.0
3.8
4.5
V
Table 10: Input characteristics of the Supply/Power pins
Symbol
Parameter
Module
Min. Typical
Max.
Unit
VSIM
SIM supply output voltage with 1.8 V external SIM
All
1.80
V
SIM supply output voltage with 3.0 V external SIM
All
2.95
V
V_INT
Generic Digital Interfaces supply output voltage
All
1.80
V
I_INT
Generic Digital Interfaces supply output current capability All
70
mA
Table 11: Output characteristics of the Supply/Power pins
22 Input voltage at VCC must be above the normal operating range minimum limit to switch on the module. RF performance
may be affected when the input voltage at VCC drops below the herein stated normal operating range minimum limit, though
the module is still fully functional.
23 Ensure that input voltage at VCC never drops below the extended operating range minimum limit during module operation:
the cellular module may switch off when the VCC voltage value drops below the herein stated extended operating range
minimum limit.24 All values with VCC = 3.8 V, with UART connected and USB disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com