Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R404M Datasheet(PDF) 29 Page - u-blox AG

Part # SARA-R404M
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R404M Datasheet(HTML) 29 Page - u-blox AG

Back Button SARA-R404M Datasheet HTML 25Page - u-blox AG SARA-R404M Datasheet HTML 26Page - u-blox AG SARA-R404M Datasheet HTML 27Page - u-blox AG SARA-R404M Datasheet HTML 28Page - u-blox AG SARA-R404M Datasheet HTML 29Page - u-blox AG SARA-R404M Datasheet HTML 30Page - u-blox AG SARA-R404M Datasheet HTML 31Page - u-blox AG SARA-R404M Datasheet HTML 32Page - u-blox AG SARA-R404M Datasheet HTML 33Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Electrical specifications
Page 29 of 43
4.3 Parameters for ATEX applications
This section provides useful parameters and information to integrate SARA-R4 series modules in
applications intended for use in areas with potentially explosive atmospheres (ATEX), describing:
Total internal capacitance and inductance of the modules (see Table 25)
Maximum RF output power and voltage at the antenna (ANT) pin of the modules (see Table 26)
☞ Any specific applicable requirement for the implementation of the apparatus integrating the
SARA-R4 series modules, intended for use in potentially explosive atmospheres, must be fulfilled
according to the exact applicable standards: check the detailed requisites on the pertinent
normative for the application, as for example the IEC 60079-0 [13], IEC 60079-11 [14], and
IEC 60079-26 [15] standards.
☞ The certification of the application device that integrates a SARA-R4 series module and the
compliance of the application device with all the applicable certification schemes, directives and
standards required for use in potentially explosive atmospheres are the sole responsibility of the
application device manufacturer.
Table 25 describes the maximum total internal capacitance and the maximum total internal
inductance, considering internal parts tolerance, of the SARA-R4 series modules.
Module
Parameter
Description
Value
Unit
SARA-R404M
Ci
Maximum total internal capacitance
510
µ
F
Li
Maximum total internal inductance
9.2
µ
H
SARA-R410M,
SARA-N410
Ci
Maximum total internal capacitance
504
µ
F
Li
Maximum total internal inductance
9.3
µ
H
SARA-R412M
Ci
Maximum total internal capacitance
507
µ
F
Li
Maximum total internal inductance
9.4
µ
H
Table 25: SARA-R4 series maximum total internal capacitance and maximum total internal inductance
Table 26 describes the maximum RF output power transmitted by SARA-R4 series modules from the
antenna (ANT) pin as Power Class 3 User Equipment for the LTE Cat M1 / NB1 bands and/or as Power
Class 4 Mobile Stations for GSM 850 / E-GSM 900 bands.
Module
Parameter
Description
Value
Unit
SARA-R404M
ANT Pout
Maximum RF output power from ANT pin
25.00
dBm
SARA-R410M
ANT Pout
Maximum RF output power from ANT pin
25.00
dBm
SARA-N410
ANT Pout
Maximum RF output power from ANT pin
25.00
dBm
SARA-R412M
ANT Pout
Maximum RF output power from ANT pin
33.00
dBm
Table 26: SARA-R4 series maximum RF output power
☞ The SARA-R4 series modules do not contain internal blocks that increase the input voltage (such
as step-up, duplicators, or boosters) except for the antenna (ANT) pin, for which the maximum RF
output power shown in Table 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com