Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R404M Datasheet(PDF) 17 Page - u-blox AG

Part # SARA-R404M
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R404M Datasheet(HTML) 17 Page - u-blox AG

Back Button SARA-R404M Datasheet HTML 13Page - u-blox AG SARA-R404M Datasheet HTML 14Page - u-blox AG SARA-R404M Datasheet HTML 15Page - u-blox AG SARA-R404M Datasheet HTML 16Page - u-blox AG SARA-R404M Datasheet HTML 17Page - u-blox AG SARA-R404M Datasheet HTML 18Page - u-blox AG SARA-R404M Datasheet HTML 19Page - u-blox AG SARA-R404M Datasheet HTML 20Page - u-blox AG SARA-R404M Datasheet HTML 21Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Pin definition
Page 17 of 43
No
Name
Power
domain
I/O
Description
Remarks
7
RI
GDI
O
UART ring indicator
Circuit 125 (RI) in ITU-T V.24.
See section 4.2.12 for detailed electrical specs.
8
DCD
GDI
O
UART data carrier detect Circuit 109 (DCD) in ITU-T V.24.
See section 4.2.12 for detailed electrical specs.
9
DTR
GDI
I
UART data terminal
ready
Circuit 108/2 (DTR) in ITU-T V. 24.
Internal active pull-up to V_INT.
See section 4.2.12 for detailed electrical specs.
10
RTS
GDI
I
UART ready to send
Circuit 105 (RTS) in ITU-T V.24.
Internal active pull-up to V_INT.
Flow control is not supported by the “00”, “01” and
SARA-R410M-02B-00 product versions
See section 4.2.12 for detailed electrical specs.
11
CTS
GDI
O
UART clear to send
Circuit 106 (CTS) in ITU-T V.24.
Flow control is not supported by the “00”, “01” and
SARA-R410M-02B-00 product versions
See section 4.2.12 for detailed electrical specs.
12
TXD
GDI
I
UART data input
Circuit 103 (TxD) in ITU-T V.24.
Internal pull-down to GND on “00” and R410M-02 versions
Internal pull-up to V_INT on other product versions
See section 4.2.12 for detailed electrical specs.
13
RXD
GDI
O
UART data output
Circuit 104 (RxD) in ITU-T V.24.
See section 4.2.12 for detailed electrical specs.
14
GND
-
N/A
Ground
All the GND pins must be connected to ground
15
PWR_ON
POS
I
Power-on / power-off
input
Internal 200 k pull-up resistor.
See section 4.2.8 for detailed electrical specs.
Provide test point for diagnostic purposes.
16
GPIO1
GDI
I/O
GPIO
Configurable GPIO (see section 2.7).
See section 4.2.12 for detailed electrical specs.
17
VUSB_DET
USB
I
USB detect input
Input for VBUS (5 V typical) USB supply sense.
See section 4.2.11 for detailed electrical specs.
Provide test point for diagnostic purposes.
18
RESET_N
ERS
I
External reset input
Internal 37 k pull-up resistor to V_INT.
See section 4.2.9 for detailed electrical specs.
Provide test point for diagnostic purposes.
19
GPIO6
GDI
I/O
GPIO
Configurable GPIO (see section 2.7).
See section 4.2.12 for detailed electrical specs.
20
GND
-
N/A
Ground
All the GND pins must be connected to ground
21
GND
-
N/A
Ground
All the GND pins must be connected to ground
22
GND
-
N/A
Ground
All the GND pins must be connected to ground
23
GPIO2
GDI
I/O
GPIO
Configurable GPIO (see section 2.7).
See section 4.2.12 for detailed electrical specs.
24
GPIO3
GDI
I/O
GPIO
Configurable GPIO (see section 2.7).
See section 4.2.12 for detailed electrical specs.
25
GPIO4
GDI
I/O
GPIO
Configurable GPIO (see section 2.7).
See section 4.2.12 for detailed electrical specs.
26
SDA
DDC
I/O
I2C bus data line
Fixed open drain.
Internal 2.2 k pull-up resistor to V_INT.
Not supported by “00” and “01” product versions
See section 4.2.13 for detailed electrical specs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com