Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R404M Datasheet(PDF) 25 Page - u-blox AG

Part # SARA-R404M
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R404M Datasheet(HTML) 25 Page - u-blox AG

Back Button SARA-R404M Datasheet HTML 21Page - u-blox AG SARA-R404M Datasheet HTML 22Page - u-blox AG SARA-R404M Datasheet HTML 23Page - u-blox AG SARA-R404M Datasheet HTML 24Page - u-blox AG SARA-R404M Datasheet HTML 25Page - u-blox AG SARA-R404M Datasheet HTML 26Page - u-blox AG SARA-R404M Datasheet HTML 27Page - u-blox AG SARA-R404M Datasheet HTML 28Page - u-blox AG SARA-R404M Datasheet HTML 29Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Electrical specifications
Page 25 of 43
Parameter
Min.
Typical
Max.
Unit
Remarks
Receiver input sensitivity
Band 12 (700 MHz)
–107.0
dBm
Without repetitions
Receiver input sensitivity
Band 28 (700 MHz)
–105.0
dBm
Without repetitions
Receiver input sensitivity
Band 13 (700 MHz)
–105.0
dBm
Without repetitions
Receiver input sensitivity
Band 20 (800 MHz)
–105.0
dBm
Without repetitions
Receiver input sensitivity
Band 5 / 18 / 19 / 26 (850 MHz)
–105.5
dBm
Without repetitions
Receiver input sensitivity
Band 8 (900 MHz)
–106.5
dBm
Without repetitions
Receiver input sensitivity
Band 4 (1700 MHz)
–107.5
dBm
Without repetitions
Receiver input sensitivity
Band 3 (1800 MHz)
–106.0
dBm
Without repetitions
Receiver input sensitivity
Band 2 / 25 (1900 MHz)
–106.0
dBm
Without repetitions
Receiver input sensitivity
Band 1 (2100 MHz)
–107.5
dBm
Without repetitions
Condition: 50  source, throughput > 95%, QPSK modulation, other settings as per 3GPP TS 36.521-1 [8]
Table 14: LTE Cat M1 receiver sensitivity performance
Parameter
Min.
Typical
Max.
Unit
Remarks
Receiver input sensitivity
Band 12 (700 MHz)
–113.5
dBm
Without repetitions
Receiver input sensitivity
Band 28 (700 MHz)
–112.0
dBm
Without repetitions
Receiver input sensitivity
Band 13 (700 MHz)
–112.0
dBm
Without repetitions
Receiver input sensitivity
Band 20 (800 MHz)
–112.0
dBm
Without repetitions
Receiver input sensitivity
Band 5 / 18 / 19 / 26 (850 MHz)
–112.5
dBm
Without repetitions
Receiver input sensitivity
Band 8 (900 MHz)
–113.0
dBm
Without repetitions
Receiver input sensitivity
Band 4 (1700 MHz)
–114.0
dBm
Without repetitions
Receiver input sensitivity
Band 3 (1800 MHz)
–113.0
dBm
Without repetitions
Receiver input sensitivity
Band 2 / 25 (1900 MHz)
–113.0
dBm
Without repetitions
Receiver input sensitivity
Band 1 (2100 MHz)
–114.0
dBm
Without repetitions
Condition: 50  source, throughput > 95%, other settings as per 3GPP TS 36.521-1 [8]
Table 15: LTE Cat NB1 receiver sensitivity performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com