Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997S Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6997S
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6997S Datasheet HTML 2Page - STMicroelectronics L6997S Datasheet HTML 3Page - STMicroelectronics L6997S Datasheet HTML 4Page - STMicroelectronics L6997S Datasheet HTML 5Page - STMicroelectronics L6997S Datasheet HTML 6Page - STMicroelectronics L6997S Datasheet HTML 7Page - STMicroelectronics L6997S Datasheet HTML 8Page - STMicroelectronics L6997S Datasheet HTML 9Page - STMicroelectronics L6997S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
L6997S
6/30
4
DEVICE DESCRIPTION
4.1 Constant On Time PWM topology
Figure 5. Loop block schematic diagram
The device implements a Constant On Time control scheme, where the Ton is the high side MOSFET on time
duration forced by the one-shot generator. The On Time is directly proportional to VSENSE pin voltage and in-
verse to OSC pin voltage as in Eq1:
(1)
where KOSC = 180ns and τ is the internal propagation delay time (typ. 40ns). The system imposes in steady
state a minimum On Time corresponding to VOSC = 1V. In fact if the VOSC voltage increases above 1V the cor-
responding Ton will not decrease. Connecting the OSC pin to a voltage partition from VIN to GND, it allows a
steady-state switching frequency FSW independent of VIN. It results:
(2)
where
(3)
(4)
The above equations allow setting the frequency divider ratio
αOSC once output voltage has been set; note
that such equations hold only if VOSC<1V. Further the Eq2 shows how the system has a switching frequen-
cy ideally independent from the input voltage. The delay introduces a light dependence from VIN. A mini-
mum Off-Time constraint of about 500ns is introduced in order to assure the boot capacitor charge and to
Q
Vsense
R3
R4
R2
R1
R
S
Vout
Vin
HGATE
LGATE
Q
OSC
FB
Vref
HS
LS
DS
PWM comparator
FFSR
One-shot generator
-
+
T
ON
K
OSC
V
SENSE
V
OSC
----------------------
τ
+
=
f
SW
V
OUT
V
IN
---------------
1
T
ON
-----------
α
OSC
α
OUT
---------------
1
K
OSC
---------------
α
OSC
→
f
SW KOSC αOUT
==
=
α
OSC
V
OSC
V
IN
---------------
R
2
R
2
R
1
+
--------------------
==
α
OUT
V
FB
V
OUT
---------------
R
4
R
3
R
4
+
--------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com