Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997S Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6997S
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997S Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6997S Datasheet HTML 15Page - STMicroelectronics L6997S Datasheet HTML 16Page - STMicroelectronics L6997S Datasheet HTML 17Page - STMicroelectronics L6997S Datasheet HTML 18Page - STMicroelectronics L6997S Datasheet HTML 19Page - STMicroelectronics L6997S Datasheet HTML 20Page - STMicroelectronics L6997S Datasheet HTML 21Page - STMicroelectronics L6997S Datasheet HTML 22Page - STMicroelectronics L6997S Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19/30
L6997S
6.9 Soft start capacitor
Considering the soft start equations (Eq. 11) at page 10, it can be found:
CSS = 150pF
The equations are valid without load. When an active load is present the equations result more complex; further
some active loads have unexpected effect, as higher current than the expected one during the soft start, can
change the start up time.
In this case the capacitor value can be selected on the application; anyway the Eq11 gives an idea about the
CSS value.
6.10 Sink mode
Figure 16. Efficiency vs output current
7
15A DEMO BOARD DESCRIPTION
The evaluation board shows the device operation in these conditions: VIN = 3.3V VOUT = 1.8V IOUT = 15A, FSW
= 200KHz without the integrator feature. The evaluation board has two different input voltages: VCC [from 3V to
5.5V] used to supply the device and the VIN [up to 35V] for the power conversion. In this way, changing the pow-
er components configuration (CIN, COUT, MOSFETs, L) it is possible evaluate the device performance in differ-
ent conditions. It is also possible to mount a linear regulator on board used to generate the VCC. On the top side
are also present two switches and four jumpers. The two switches have different goals: the one nearest to the
VCC is used to turn on/off the device when the VCC and VIN are both present; the other one, near to R11 is used
to turn on/off the PFM feature. The device can be turned on also with the power supply, but a correct start up
sequence is mandatory. VIN has to be raised first and then the VCC can be applied too. If the correct sequence
is not respected the device will not start up. The jumpers are used to set the integrator feature and to use the
remote sensing; for more information refers to the Jumpers table. Sometimes when using the integrator config-
uration a low frequency filter is required in order to reduce the noise interaction. The pole value should be at
least five times higher than the switching frequency. The low pass filter should be inserted in this way: the re-
sistor, in the place of the INT jumper position and the capacitor between the resistor and ground (refers to the
schematic).
0,0
10,0
20,0
30,0
40,0
50,0
60,0
70,0
80,0
90,0
100,0
0,01,0
2,0
3,0
4,05,0
Current [A]
Eff [%]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com