Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997S Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6997S
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6997S Datasheet HTML 17Page - STMicroelectronics L6997S Datasheet HTML 18Page - STMicroelectronics L6997S Datasheet HTML 19Page - STMicroelectronics L6997S Datasheet HTML 20Page - STMicroelectronics L6997S Datasheet HTML 21Page - STMicroelectronics L6997S Datasheet HTML 22Page - STMicroelectronics L6997S Datasheet HTML 23Page - STMicroelectronics L6997S Datasheet HTML 24Page - STMicroelectronics L6997S Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21/30
L6997S
7.2 DEMO BOARD LAYOUT
Real dimensions: 5.7cm x 7.7cm (2.28inch x 3. 08inch)
Figure 18. PCB layout: bottom side
Figure 19. PCB Layout: Top side
Figure 20. Internal ground plane
Figure 21. Power & signal plane
Table 12. PCB Layout guidelines
Goal
Suggestion
To minimize radiation and magnetic
coupling with the adjacent circuitry.
1) Minimize switching current loop areas. (For example placing CIN, High Side
and Low side MOSFETS, Shottky diode as close as possible).
2) Place controller placed as close as possible to the power MOSFETs.
3) Group the gate drive components (Boot cap and diode) near the IC.
To maximize the efficiency.
Keep power traces and load connections short and wide.
To ensure high accuracy in the
current sense system.
Make Kelvin connection for Phase pin and PGND pin and keep them as close
as possible to the Low Side MOSFETS.
To reduce the noise effect on the IC.
1) Put the feedback component (like output divider, integrator network, etc) as
close as possible to the IC.
2) Keep the feedback traces parallel and as close as possible. Moreover they
must be routed as far as possible from the switching current loops.
3) Make the controller ground connection like the figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com