Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997S Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6997S
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6997S Datasheet HTML 6Page - STMicroelectronics L6997S Datasheet HTML 7Page - STMicroelectronics L6997S Datasheet HTML 8Page - STMicroelectronics L6997S Datasheet HTML 9Page - STMicroelectronics L6997S Datasheet HTML 10Page - STMicroelectronics L6997S Datasheet HTML 11Page - STMicroelectronics L6997S Datasheet HTML 12Page - STMicroelectronics L6997S Datasheet HTML 13Page - STMicroelectronics L6997S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
L6997S
10/30
so considering zero the output load the output voltage is given by:
(9))
indicating with Vout the final value, the output charging time can be estimated as:
(10)
the minimum CSS value is given imposing this condition:
Tout =TSS
(11)
4.5 Current limit
The current limit comparator senses the inductor current through the low side MOSFET RDSON drop and com-
pares this value with the ILIM pin voltage value. While the current is above the current limit value, the control
inhibits the high side MOSFET Turn On.
To properly set the current limit threshold, it should be noted that this is a valley current limit. The Average cur-
rent depends on the inductor value, VIN VOUT and switching frequency.
The average output current in current limit is given by:
(12)
Thus, to set the current threshold, choose RILIM according to the following equation:
(13)
In overcurrent conditions the system keeps the current constant until the output voltage meets the undervoltage
threshold. The negative valley current limit, for the sink mode, is set automatically at the same value of the pos-
itive valley current limit. The average negative current limit differs from the positive average current limit by the
ripple current; this difference is due to the valley control technique.
The current limit system accuracy is function of the precision of the resistance connected to the ILIM pin and
the low side MOSFET RDSON accuracy. Moreover the voltage on ILIM pin must range between 10mV and 1V
to ensure the system linearity.
Figure 9. Current limit schematic
V
out t,CSS
()
Qt,C
SS
()
C
out
-------------------------
R
ilim /Rdson
K
ILIM
I
SS
t
2
⋅⋅
⋅
()
C
out
V
SS
C
SS
2
⋅⋅
∆
⋅
()
-----------------------------------------------------------------------------
==
V
out CSS
()
V
out
C
out
V
SS
C
SS
2
⋅⋅
∆
⋅⋅
()
R
ilim /Rdson
K
ILIM
I
SS
⋅⋅
()
----------------------------------------------------------------------------
0.5
=
I
OUT
CL
I
max valley
I
∆
2
-----
+
=
I
max valley
R
ILim
Rds
on
----------------- K
ILIM
⋅
=
Positive and negative current limit
R
ILIM
5µA
Current
Comparator
To
logic
PGN
D
PHASE
To inductor
LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com