Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997S Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6997S
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6997S Datasheet HTML 9Page - STMicroelectronics L6997S Datasheet HTML 10Page - STMicroelectronics L6997S Datasheet HTML 11Page - STMicroelectronics L6997S Datasheet HTML 12Page - STMicroelectronics L6997S Datasheet HTML 13Page - STMicroelectronics L6997S Datasheet HTML 14Page - STMicroelectronics L6997S Datasheet HTML 15Page - STMicroelectronics L6997S Datasheet HTML 16Page - STMicroelectronics L6997S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13/30
L6997S
5.2 Jumper Connection
Table 6. Jumper connection with integrator
* This component is not necessary, depends from the output ESR capacitor. See the integrator section.
Table 7. Jumper connection without integrator
5.3 DEMOBOARD LAYOUT
Real dimensions: 4,7 cm X 2,7 cm (1.85 inch X 1. 063 inch)
Component
Connection
C1
Mounted
C2
Mounted *
INT
Close
NOINT
Open
Component
Connection
C1
Not mounted
C2
Not Mounted
INT
Open
NOINT
Close
Figure 11. Top side components placement
Figure 12. Bottom side Jumpers distribution
Figure 13. Top side layout
Figure 14. Bottom side layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com