Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997S Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6997S
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997S Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6997S Datasheet HTML 12Page - STMicroelectronics L6997S Datasheet HTML 13Page - STMicroelectronics L6997S Datasheet HTML 14Page - STMicroelectronics L6997S Datasheet HTML 15Page - STMicroelectronics L6997S Datasheet HTML 16Page - STMicroelectronics L6997S Datasheet HTML 17Page - STMicroelectronics L6997S Datasheet HTML 18Page - STMicroelectronics L6997S Datasheet HTML 19Page - STMicroelectronics L6997S Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
L6997S
16/30
6
STEP BY STEP DESIGN
Application conditions: VIN = 3.3V, ±10% VOUT = 1.25V IOUT = 5A FSW = 270kHz
6.1 Input capacitor.
A pulsed current (with zero average value) flows through the input capacitor of a buck converter. The AC com-
ponent of this current is quite high and dissipates a considerable amount of power on the ESR of the capacitor:
(17)
The RMS current, which the capacitor must provide, is given by:
(18)
Where
δ is the duty cycle of the application
Neglecting the last term, the equation reduces to:
(19)
which maximum value corresponds to to
δ = 1/2 and is equal Iout/2
Therefore, in worst case, the input capacitors should be selected with a RMS ripple current rating as high as
half the respective maximum output current.
Electrolytic capacitors are the most used because theyare the cheapest ones and are available with a wide
range of RMS current ratings. The only drawback is that, for a givenripple current rating, they are physically larg-
er than other capacitors. Very good tantalum capacitors are coming available, with very low ESR and small size.
The only problem is that they occasionally can burn if subjected to very high current during the charge. So, it is
better avoid this type of capacitors for the input filter of the device. In fact, they can be subjected to high surge
current when connected to the power supply. If available for the requested capacitance value and voltage rating,
the ceramic capacitors have usually a higher RMS current rating for a given physical dimension (due to the very
low ESR). The drawback is the quite high cost. Possible solutions:
With our parameter from the equation 3 it is found:
Icinrms = 2.42A
6.2 Inductor
To define the inductor, it is necessary to determine firstly the inductance value. Its minimum value is given by:
(20)
where RF =
∆I/IOUT (basically it is approximately 30%).
10
µF
C34Y5U1E106ZTE12 TOKIN
22
µF
JMK325BJ226MM
TAIYO-YUDEN
47
µF
ECJ4XF0J476Z
PANASONIC
33
µF
C3225X5R0J476M
TDK
P
CIN
ESR
CIN
Iout
2
Vin
Vin
Vout
–
()
⋅
Vin
2
------------------------------------------------
⋅⋅
=
Icin
rms
Iout
2 δ 1 δ
–
()
δ
12
------
I
L
∆
()
2
+
=
Icin
rms
Iout
δ 1 δ
–
()
=
Lmin
V
o
Vin
max
V
o
–
()
⋅
F
SW
I
out
RF Vin
max
⋅
⋅⋅
---------------------------------------------------------------
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com