Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997S Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6997S
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997S Datasheet(HTML) 1 Page - STMicroelectronics

  L6997S Datasheet HTML 1Page - STMicroelectronics L6997S Datasheet HTML 2Page - STMicroelectronics L6997S Datasheet HTML 3Page - STMicroelectronics L6997S Datasheet HTML 4Page - STMicroelectronics L6997S Datasheet HTML 5Page - STMicroelectronics L6997S Datasheet HTML 6Page - STMicroelectronics L6997S Datasheet HTML 7Page - STMicroelectronics L6997S Datasheet HTML 8Page - STMicroelectronics L6997S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1/30
L6997S
June 2004
1
Features
■
FROM 3V TO 5.5V VCC RANGE
■
MINIMUM OUTPUT VOLTAGE AS LOW AS
0.6V
■
1V TO 35V INPUT VOLTAGE RANGE
■
CONSTANT ON TIME TOPOLOGY
■
VERY FAST LOAD TRANSIENTS
■
0.6V, ±1% VREF
■
SELECTABLE SINKING MODE
■
LOSSLESS CURRENT LIMIT, AVAILABLE
ALSO IN SINKING MODE
■
REMOTE SENSING
■
OVP,UVP LATCHED PROTECTIONS
■
600
µA TYP QUIESCENT CURRENT
■
POWER GOOD AND OVP SIGNALS
■
PULSE SKIPPING AT LIGTH LOADS
■
94% EFFICIENCY FROM 3.3V TO 2.5V
2
Applications
■
NETWORKING
■
DC/DC MODULES
■
DISTRIBUTED POWER
■
MOBILE APPLICATIONS
■
CHIP SET, CPU, DSP AND MEMORIES
SUPPLY
3
Description
The device is a high efficient solution for networking
dc/dc modules and mobile applications compatible
with 3.3V bus and 5V bus.
It's able to regulate an output voltage as low as 0.6V.
The constant on time topology assures fast load tran-
sient response. The embedded voltage feed-forward
provides nearly constant switching frequency opera-
tion in spite of a wide input voltage range.
An integrator can be introduced in the control loop to
reduce the static output voltage error.
The remote sensing improves the static and dynamic
regulation, recovering the wires voltage drop.
Pulse skipping technique reduces power consump-
tion at light loads. Drivers current capability allows
output currents in excess of 20A.
STEP DOWN CONTROLLER
FOR LOW VOLTAGE OPERATIONS
Figure 2. Minimum Component Count Application
L6997S
SHDN
3.3V
INT
VSENSE
OVP
Vref
GND
GNDSENSE
VFB
SS
OSC
0.6V
PGOOD
PGND
LGATE
PHASE
HGATE
ILIM
BOOT
Rilim
Css
Cvref
HS
LS
Rin1
Rin2
Cin
Cboot
Dboot
L
Cout
Ro1
Ro2
DS
REV. 1
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L6997S
TSSOP20
L6997STR
Tape & Reel
TSSOP20


Similar Part No. - L6997S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6997 STMICROELECTRONICS-L6997 Datasheet
291Kb / 23P
STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
Apr-2003
L6997D STMICROELECTRONICS-L6997D Datasheet
291Kb / 23P
STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
Apr-2003
L6997DTR STMICROELECTRONICS-L6997DTR Datasheet
291Kb / 23P
STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
Apr-2003
More results

Similar Description - L6997S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6997 STMICROELECTRONICS-L6997 Datasheet
291Kb / 23P
STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
Apr-2003
logo
Maxim Integrated Produc...
MAX1637 MAXIM-MAX1637 Datasheet
211Kb / 20P
Miniature, Low-Voltage, Precision Step-Down Controller
19-1321; Rev 1; 2/98
logo
Texas Instruments
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53114 TI-TPS53114 Datasheet
789Kb / 20P
SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53015 TI-TPS53015 Datasheet
864Kb / 21P
Single Synchronous Step-down Controller for Low Voltage Power Rails
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
Low Voltage, Synchronous Step Down PWM Controller
logo
Texas Instruments
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
Single Synchronous Step-down Controller for Low Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com