Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAL16V8D-25LS Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # GAL16V8D-25LS
Description  High Performance E2CMOS PLD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8D-25LS Datasheet(HTML) 3 Page - Lattice Semiconductor

  GAL16V8D-25LS Datasheet HTML 1Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 2Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 3Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 4Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 5Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 6Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 7Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 8Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Specifications GAL16V8
3
Part Number Description
Blank = Commercial
I = Industrial
Grade
Package
Power
L = Low Power
Q = Quarter Power
Speed (ns)
XXXXXXXX
XX
X XX X
Device Name
_
P = Plastic DIP
PN = Lead-free Plastic DIP
J = PLCC
JN = Lead-free PLCC
S = SOIC
GAL16V8D
Lead-Free Packaging
Commercial Grade Specifications
)
s
n
(
d
p
T)
s
n
(
u
s
T)
s
n
(
o
c
T)
A
m
(
c
c
I#
g
n
i
r
e
d
r
Oe
g
a
k
c
a
P
5
.
35
.
20
.
35
1
1N
J
L
3
-
D
8
V
6
1
L
A
GC
C
L
P
d
a
e
L
-
0
2
e
e
r
F
-
d
a
e
L
534
5
1
1
8
V
6
1
L
A
G5
-
DJ
LN
e
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2
5
.
77
5
15
18
V
6
1
L
A
G7
-
DL N
P
e
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
15
18
V
6
1
L
A
G7
-
DJ
LN
e
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2
0
10
17
5
5N
P
Q
0
1
-
D
8
V
6
1
L
A
GP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
e
e
r
F
-
d
a
e
L
5
5N
J
Q
0
1
-
D
8
V
6
1
L
A
GC
C
L
P
d
a
e
L
-
0
2
e
e
r
F
-
d
a
e
L
5
1
1
8
V
6
1
L
A
G0
1
-
DP
LN
e
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
5
1
1
8
V
6
1
L
A
G0
1
-
DJ
LN
e
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2
5
12
10
15
5
P
Q
5
1
-
D
8
V
6
1
L
A
GN
e
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
5
5
J
Q
5
1
-
D
8
V
6
1
L
A
GN
e
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2
0
9
P
L
5
1
-
D
8
V
6
1
L
A
GN
e
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
0
9
L
5
1
-
D
8
V
6
1
L
A
GN
J
e
e
r
F
-
d
a
e
Ld
a
e
L
-
0
2C
C
L
P
5
25
12
15
5
P
Q
5
2
-
D
8
V
6
1
L
A
GN
e
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
5
5
J
Q
5
2
-
D
8
V
6
1
L
A
GN
e
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2
0
9
P
L
5
2
-
D
8
V
6
1
L
A
GN
e
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
0
9
L
5
2
-
D
8
V
6
1
L
A
GN
J
e
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com