Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAL16V8D-25LS Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # GAL16V8D-25LS
Description  High Performance E2CMOS PLD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8D-25LS Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button GAL16V8D-25LS Datasheet HTML 9Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 10Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 11Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 12Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 13Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 14Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 15Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 16Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Specifications GAL16V8
13
tpd
A
Input or I/O to Comb. Output
3
10
3
15
3
20
3
25
ns
tco
A
Clock to Output Delay
2
7
2
10
2
11
2
12
ns
tcf2
—
Clock to Feedback Delay
—
6
—
8
—
9
—
10
ns
tsu
—
Setup Time, Input or Fdbk before Clk↑
7.5
—
12
—
13
—
15
—
ns
th—
Hold Time, Input or Fdbk after Clk↑
0—
0
—
0—
0
—
ns
A
Maximum Clock Frequency with
66.7
—
45.5
—
41.6
—
37
—
MHz
External Feedback, 1/(tsu + tco)
fmax3
A
Maximum Clock Frequency with
71.4
—
50
—
45.4
—
40
—
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
83.3
—
62.5
—
50
—
41.6
—
MHz
No Feedback
twh
—
Clock Pulse Duration, High
6
—
8
—
10
—
12
—
ns
twl
—
Clock Pulse Duration, Low
6
—
8
—
10
—
12
—
ns
ten
B
Input or I/O to Output Enabled
1
10
—
15
—
18
—
20
ns
t
B
OE to Output Enabled
1
10
—
15
—
18
—
20
ns
tdis
C
Input or I/O to Output Disabled
1
10
—
15
—
18
—
20
ns
t
C
OE to Output Disabled
1
10
—
15
—
18
—
20
ns
AC Switching Characteristics
Over Recommended Operating Conditions
UNITS
-25
MIN.
MAX.
-20
MIN.
MAX.
-15
MIN.
MAX.
-10
MIN.
MAX.
PARAM.
DESCRIPTION
TEST
COND1.
COM / IND
COM / IND
IND
COM / IND
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
8
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
8
pF
V
CC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested.
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Descriptions section.
3) Refer to fmax Descriptions section. Characterized but not 100% tested.
Specifications GAL16V8D
Capacitance (T
A = 25°C, f = 1.0 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com