Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAL16V8D-25LS Datasheet(PDF) 17 Page - Lattice Semiconductor

Part # GAL16V8D-25LS
Description  High Performance E2CMOS PLD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8D-25LS Datasheet(HTML) 17 Page - Lattice Semiconductor

Back Button GAL16V8D-25LS Datasheet HTML 13Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 14Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 15Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 16Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 17Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 18Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 19Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 20Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 21Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Specifications GAL16V8
17
Typ. Vref = 3.2V
Typical Output
Typ. Vref = 3.2V
Typical Input
INPUT/OUTPUT EQUIVALENT SCHEMATICS
Circuitry within the GAL16V8 provides a reset signal to all reg-
isters during power-up. All internal registers will have their Q
outputs set low after a specified time (
tpr, 1µs MAX). As a result,
the state on the registered output pins (if they are enabled) will
always be high on power-up, regardless of the programmed
polarity of the output pins. This feature can greatly simplify state
machine design by providing a known state on power-up. Be-
cause of the asynchronous nature of system power-up, some
Vcc
PIN
Vcc
Vref
Active Pull-up
Circuit
ESD
Protection
Circuit
ESD
Protection
Circuit
Vcc
PIN
Vcc
PIN
Vref
Tri-State
Control
Active Pull-up
Circuit
Feedback
(To Input Buffer)
PIN
Feedback
Data
Output
Vcc
CLK
INTERNAL REGISTER
Q - OUTPUT
FEEDBACK/EXTERNAL
OUTPUT REGISTER
Vcc (min.)
tpr
Internal Register
Reset to Logic "0"
Device Pin
Reset to Logic "1"
twl
tsu
conditions must be met to provide a valid power-up reset of the
device. First, the VCC rise must be monotonic. Second, the clock
input must be at static TTL level as shown in the diagram during
power up. The registers will reset within a maximum of
tpr time.
As in normal system operation, avoid clocking the device until all
input and feedback path setup times have been met. The clock
must also meet the minimum pulse width requirements.
Power-Up Reset
Input/Output Equivalent Schematics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com