Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAL16V8D-25LS Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # GAL16V8D-25LS
Description  High Performance E2CMOS PLD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8D-25LS Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button GAL16V8D-25LS Datasheet HTML 5Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 6Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 7Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 8Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 9Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 10Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 11Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 12Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Specifications GAL16V8
9
In the Simple mode, macrocells are configured as dedicated inputs
or as dedicated, always active, combinatorial outputs.
Architecture configurations available in this mode are similar to the
common 10L8 and 12P6 devices with many permutations of ge-
neric output polarity or input choices.
All outputs in the simple mode have a maximum of eight product
terms that can control the logic. In addition, each output has pro-
grammable polarity.
Pins 1 and 11 are always available as data inputs into the AND
array. The center two macrocells (pins 15 & 16) cannot be used
as input or I/O pins, and are only available as dedicated outputs.
The JEDEC fuse numbers including the UES fuses and PTD fuses
are shown on the logic diagram.
Combinatorial Output with Feedback Configuration
for Simple Mode
- SYN=1.
- AC0=0.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=0 defines this configuration.
- All OLMC except pins 15 & 16 can be configured to
this function.
Combinatorial Output Configuration for Simple Mode
- SYN=1.
- AC0=0.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=0 defines this configuration.
- Pins 15 & 16 are permanently configured to this
function.
Dedicated Input Configuration for Simple Mode
- SYN=1.
- AC0=0.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=1 defines this configuration.
- All OLMC except pins 15 & 16 can be configured to
this function.
Note: The development software configures all of the architecture control bits and checks for proper pin usage automatically.
Vcc
XOR
Vcc
XOR
Simple Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com