Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAL16V8D-25LS Datasheet(PDF) 15 Page - Lattice Semiconductor

Part # GAL16V8D-25LS
Description  High Performance E2CMOS PLD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8D-25LS Datasheet(HTML) 15 Page - Lattice Semiconductor

Back Button GAL16V8D-25LS Datasheet HTML 11Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 12Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 13Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 14Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 15Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 16Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 17Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 18Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 19Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Specifications GAL16V8
15
fmax with Internal Feedback 1/(tsu+tcf)
Note: tcf is a calculated value, derived by subtracting tsu from
the period of fmax w/internal feedback (tcf = 1/fmax - tsu). The
value of tcf is used primarily when calculating the delay from
clocking a register to a combinatorial output (through registered
feedback), as shown above. For example, the timing from clock
to a combinatorial output is equal to tcf + tpd.
fmax with External Feedback 1/(tsu+tco)
Note: fmax with external feedback is calculated from measured
tsu and tco.
fmax with No Feedback
Note: fmax with no feedback may be less than 1/(twh + twl). This
is to allow for a clock duty cycle of other than 50%.
REGISTER
LOGIC
ARRAY
CLK
tsu + th
REGISTER
LOGIC
ARRAY
tco
tsu
CLK
Test Condition
R1
R2
CL
A
200Ω
390Ω
50pF
B
Active High
∞
390Ω
50pF
Active Low
200Ω
390Ω
50pF
C
Active High
∞
390Ω
5pF
Active Low
200Ω
390Ω
5pF
CLK
REGISTER
LOGIC
ARRAY
tcf
tpd
TEST POINT
C *
L
FROM OUTPUT (O/Q)
UNDER TEST
+5V
*C L INCLUDES TEST FIXTURE AND PROBE CAPACITANCE
R2
R1
Input Pulse Levels
Table 2-0003/16V8
Input Rise
and Fall Times
Input Timing Reference Levels
Output Timing Reference Levels
Output Load
GND to 3.0V
1.5V
1.5V
See figure at right
3-state levels are measured 0.5V from
steady-state active level.
2 – 3ns 10% – 90%
1.5ns 10% – 90%
GAL16V8D-10
(and slower)
GAL16V8D-3/-5/-7
GAL16V8D (except -3) Output Load Conditions (see figure
above)
fmax Descriptions
Switching Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com