Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAL16V8D-25LS Datasheet(PDF) 12 Page - Lattice Semiconductor

Part # GAL16V8D-25LS
Description  High Performance E2CMOS PLD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8D-25LS Datasheet(HTML) 12 Page - Lattice Semiconductor

Back Button GAL16V8D-25LS Datasheet HTML 8Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 9Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 10Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 11Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 12Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 13Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 14Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 15Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 16Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Specifications GAL16V8D
12
tpd
A
Input or I/O to Comb. Output
1
3.5
1
5
1
7.5
ns
tco
A
Clock to Output Delay
1
3
1
4
1
5
ns
tcf2
—
Clock to Feedback Delay
—
2.5
—
3
—
3
ns
tsu
—
Setup Time, Input or Feedback before Clock↑
2.5
—
3
—
5
—
ns
th—
Hold Time, Input or Feedback after Clock↑
0—
0
—
0
—
ns
A
Maximum Clock Frequency with
182
—
142.8 —
100
—
MHz
External Feedback, 1/(tsu + tco)
A
Maximum Clock Frequency with
200
—
166
—
125
—
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
250
—
166
—
125
—
MHz
No Feedback
twh
—
Clock Pulse Duration, High
2 4
—3 4
—4
—
ns
twl
—
Clock Pulse Duration, Low
2 4
—3 4
—4
—
ns
ten
B
Input or I/O to Output Enabled
—
4.5
1
6
1
9
ns
B
OE to Output Enabled
—
4.5
1
6
1
6
ns
tdis
C
Input or I/O to Output Disabled
—
4.5
1
5
1
9
ns
C
OE to Output Disabled
—
4.5
1
5
1
6
ns
-5
MIN. MAX.
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
8
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
8
pF
V
CC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested.
AC Switching Characteristics
Over Recommended Operating Conditions
-7
MIN. MAX.
UNITS
PARAMETER
TEST
COND1.
DESCRIPTION
COM / IND
COM
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Descriptions section.
3) Refer to fmax Descriptions section. Characterized but not 100% tested.
4) Characterized but not 100% tested.
fmax3
-3
MIN. MAX.
COM
Capacitance (T
A = 25°C, f = 1.0 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com