Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAL16V8D-25LS Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # GAL16V8D-25LS
Description  High Performance E2CMOS PLD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8D-25LS Datasheet(HTML) 1 Page - Lattice Semiconductor

  GAL16V8D-25LS Datasheet HTML 1Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 2Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 3Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 4Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 5Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 6Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 7Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 8Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
GAL16V8
High Performance E2CMOS PLD
Generic Array Logic™
1
2
20
I/CLK
I
I
I
I
I
I
I
I
GND
Vcc
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/OE
4
6
8
9
11
13
14
16
18
1
10
11
20
I/CLK
I
I
I
I
I
I
I
I
GND
Vcc
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/OE
5
15
PLCC
GAL
16V8
DIP
GAL16V8
Top View
I/CLK
I
I/O/Q
I
I/O/Q
I
I/O/Q
I
I/O/Q
I
I/O/Q
I
I/O/Q
I
I/O/Q
I
I/O/Q
CLK
8
8
8
8
8
8
8
8
OE
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
I/OE
Copyright © 2004 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject
to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
August 2004
Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com
16v8_09
Features
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
— 3.5 ns Maximum Propagation Delay
— Fmax = 250 MHz
— 3.0 ns Maximum from Clock Input to Data Output
— UltraMOS® Advanced CMOS Technology
• 50% to 75% REDUCTION IN POWER FROM BIPOLAR
— 75mA Typ Icc on Low Power Device
— 45mA Typ Icc on Quarter Power Device
• ACTIVE PULL-UPS ON ALL PINS
•E2 CELL TECHNOLOGY
— Reconfigurable Logic
— Reprogrammable Cells
— 100% Tested/100% Yields
— High Speed Electrical Erasure (<100ms)
— 20 Year Data Retention
• EIGHT OUTPUT LOGIC MACROCELLS
— Maximum Flexibility for Complex Logic Designs
— Programmable Output Polarity
— Also Emulates 20-pin PAL® Devices with Full
Function/Fuse Map/Parametric Compatibility
• PRELOAD AND POWER-ON RESET OF ALL REGISTERS
— 100% Functional Testability
• APPLICATIONS INCLUDE:
— DMA Control
— State Machine Control
— High Speed Graphics Processing
— Standard Logic Speed Upgrade
• ELECTRONIC SIGNATURE FOR IDENTIFICATION
• LEAD-FREE PACKAGE OPTIONS
Description
The GAL16V8, at 3.5 ns maximum propagation delay time, com-
bines a high performance CMOS process with Electrically Eras-
able (E2) floating gate technology to provide the highest speed
performance available in the PLD market. High speed erase times
(<100ms) allow the devices to be reprogrammed quickly and ef-
ficiently.
The generic architecture provides maximum design flexibility by
allowing the Output Logic Macrocell (OLMC) to be configured by
the user. An important subset of the many architecture configura-
tions possible with the GAL16V8 are the PAL architectures listed
in the table of the macrocell description section. GAL16V8 devices
are capable of emulating any of these PAL architectures with full
function/fuse map/parametric compatibility.
Unique test circuitry and reprogrammable cells allow complete AC,
DC, and functional testing during manufacture. As a result, Lattice
Semiconductor delivers 100% field programmability and function-
ality of all GAL products. In addition, 100 erase/write cycles and
data retention in excess of 20 years are specified.
Functional Block Diagram
Pin Configuration
1
10
11
20
I/CLK
I
I
I
I
I
I
I
I
GND
Vcc
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/OE
5
15
SOIC
GAL
16V8
Top
View
Lead-Free
Package
Options
Available!


Similar Part No. - GAL16V8D-25LS

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8D-25LS LATTICE-GAL16V8D-25LS Datasheet
316Kb / 22P
High Performance E2CMOS PLD Generic Array Logic
GAL16V8D-25LS LATTICE-GAL16V8D-25LS Datasheet
339Kb / 23P
High Performance E2CMOS PLD Generic Array Logic?
GAL16V8D-25LS LATTICE-GAL16V8D-25LS Datasheet
654Kb / 24P
High Performance E2CMOS PLD Generic Array Logic?
GAL16V8D-25LS LATTICE-GAL16V8D-25LS Datasheet
767Kb / 26P
All Devices Discontinued
More results

Similar Description - GAL16V8D-25LS

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
High Performance E2CMOS PLD Generic Array Logic
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
High Performance E2CMOS PLD Generic Array Logic
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
High Performance E2CMOS PLD Generic Array Logic
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
High Performance E2CMOS PLD Generic Array Logic
GAL16V8A LATTICE-GAL16V8A Datasheet
1Mb / 24P
HIGH PERFORMANCE E2CMOS PLD
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
High Performance E2CMOS PLD Generic Array Logic?
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com