Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5100 Datasheet(PDF) 65 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 65 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 61Page - WIZnet Co., Ltd W5100 Datasheet HTML 62Page - WIZnet Co., Ltd W5100 Datasheet HTML 63Page - WIZnet Co., Ltd W5100 Datasheet HTML 64Page - WIZnet Co., Ltd W5100 Datasheet HTML 65Page - WIZnet Co., Ltd W5100 Datasheet HTML 66Page - WIZnet Co., Ltd W5100 Datasheet HTML 67Page - WIZnet Co., Ltd W5100 Datasheet HTML 68Page - WIZnet Co., Ltd W5100 Datasheet HTML 69Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
64
7. Electrical Specifications
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
DC Supply voltage
-0.5 to 3.6
V
VIN
DC input voltage
-0.5 to 5.5 (5V tolerant)
V
IIN
DC input current
5
mA
TOP
Operating temperature
-40 to 85
C
TJMAX
Maximum junction temperature
125
C
TSTG
Storage temperature
-55 to 125
C
*COMMENT: Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent
damage.
DC Characteristics
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VDD
DC Supply voltage
Junction
temperature is from
-55°C to 125°C
3.0
3.6
V
VIH
High level input voltage
2.0
5.5
V
VIL
Low level input voltage
- 0.5
0.8
V
VOH
High level output voltage
IOH = 2 ~ 16 mA
2.4
V
VOL
Low level output voltage
IOL = -2 ~ -16 mA
0.4
V
II
Input Current
VIN = VDD
5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com