Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5100 Datasheet(PDF) 32 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 32 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 28Page - WIZnet Co., Ltd W5100 Datasheet HTML 29Page - WIZnet Co., Ltd W5100 Datasheet HTML 30Page - WIZnet Co., Ltd W5100 Datasheet HTML 31Page - WIZnet Co., Ltd W5100 Datasheet HTML 32Page - WIZnet Co., Ltd W5100 Datasheet HTML 33Page - WIZnet Co., Ltd W5100 Datasheet HTML 34Page - WIZnet Co., Ltd W5100 Datasheet HTML 35Page - WIZnet Co., Ltd W5100 Datasheet HTML 36Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
31
Below is shown during changing the status.
Value
Symbol
Description
0x15
SOCK_SYNSENT
It is shown in case that CONNECT commands are given to
Socket n Command Register(Sn_CR) at the SOCK_INIT status.
It is automatically changed to SOCK_ESTABLISH when the
connection is established.
0x16
SOCK_SYNRECV
It is shown in case that connection request is received from
remote peer(CLIENT). It normally responds to the requests
and changes to SOCK_ESTABLISH.
0x18
SOCK_FIN_WAIT
It is shown in the process of connection termination. If the
termination is normally processed or Timeout interrupt is
asserted, it will be automatically changed to SOCK_CLOSED.
0x1A
SOCK_CLOSING
0X1B
SOCK_TIME_WAIT
0X1D
SOCK_LAST_ACK
0x01
SOCK_ARP
It is shown when ARP Request is sent in order to acquire
hardware address of remote peer when it sends connection
request in TCP mode or sends data in UDP mode. If ARP
Reply is received, it changes to the status, SOCK_SYNSENT,
SOCK_UDP or SOCK_ICMP, for the next operation.
Sn_PORT (Socket n Source Port Register) [R/W] [0x0404–0x0405, 0x0504–0x0505, 0x0604–
0x0605, 0x0704–0x0705] [0x00]
This register sets the Source Port number for each Socket when using TCP or UDP mode, and
the set-up needs to be made before executing the OPEN Command.
Ex) In case of Socket 0 Port = 5000(0x1388), configure as below,
0x0404
0x0405
0x13
0x88
Sn_DHAR (Socket n Destination Hardware Address Register) [R/W] [0x0406–0x040B,
0x0506–0x050B, 0x0606–0x060B, 0x0706–0x070B] [0xFF]
This register sets the Destination Hardware address of each Socket.
Ex) In case of Socket 0 Destination Hardware address = 08.DC.00.01.02.10, configuration is as
below,
0x0406
0x0407
0x0408
0x0409
0x040A
0x040B
0x08
0xDC
0x00
0x01
0x02
0x0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com