Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5100 Datasheet(PDF) 33 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 33 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 29Page - WIZnet Co., Ltd W5100 Datasheet HTML 30Page - WIZnet Co., Ltd W5100 Datasheet HTML 31Page - WIZnet Co., Ltd W5100 Datasheet HTML 32Page - WIZnet Co., Ltd W5100 Datasheet HTML 33Page - WIZnet Co., Ltd W5100 Datasheet HTML 34Page - WIZnet Co., Ltd W5100 Datasheet HTML 35Page - WIZnet Co., Ltd W5100 Datasheet HTML 36Page - WIZnet Co., Ltd W5100 Datasheet HTML 37Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
32
Sn_DIPR (Socket n Destination IP Address Register) [R/W] [0x040C–0x040F, 0x050C–0x050F,
0x060C–0x060F, 0x070C–0x070F] [0x00]
This register sets the Destination IP Address of each Socket to be used in setting the TCP
connection.
In active mode, IP address needs to be set before executing the Connect
command. In passive mode, W5100 sets up the connection and then is internally updated
with peer IP.
In UDP mode, this register value decided to user’s written value after receiving peer’s ARP
response. Before receiving peer’s ARP response, this register has reset value.
Ex) In case of Socket 0 Destination IP address = 192.168.0.11, configure as below.
0x040C
0x040D
0x040E
0x040F
192 (0xC0)
168 (0xA8)
0 (0x00)
11 (0x0B)
Sn_DPORT (Socket n Destination Port Register) [R/W] [0x0410–0x0411, 0x0510–0x0511,
0x0610–0x0611, 0x0710–0x0711] [0x00]
This register sets the Destination Port number of each socket to be used in setting the TCP
connection. In active mode, port number needs to be set before executing the Connect
command. In passive mode, W5100 sets up the connection and then is internally updated
with peer port number.
In UDP mode, this register value decided to user’s written value after receiving peer’s ARP
response. Before receiving peer’s ARP response, this register has reset value.
Ex) In case of Socket 0 Destination Port = 5000(0x1388), configure as below,
0x0410
0x0411
0x13
0x88
Sn_MSS (Socket n Maximum Segment Size Register) [R/W] [0x0412-0x0413, 0x0512-
0x0513, 0x0612-0x0613, 0x0712-0x0713] [0x 0000]
This register is used for MSS (Maximum Segment Size) of TCP, and the register displays MSS set
by the other party when TCP is activated in Passive Mode.
Ex) In case of Socket 0 MSS = 1460(0x05B4), configure as below,
0x0412
0x0413
0x05
0xB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com