Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5100 Datasheet(PDF) 21 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 21 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 17Page - WIZnet Co., Ltd W5100 Datasheet HTML 18Page - WIZnet Co., Ltd W5100 Datasheet HTML 19Page - WIZnet Co., Ltd W5100 Datasheet HTML 20Page - WIZnet Co., Ltd W5100 Datasheet HTML 21Page - WIZnet Co., Ltd W5100 Datasheet HTML 22Page - WIZnet Co., Ltd W5100 Datasheet HTML 23Page - WIZnet Co., Ltd W5100 Datasheet HTML 24Page - WIZnet Co., Ltd W5100 Datasheet HTML 25Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
20
4. Register Descriptions
4.1 Common Registers
MR (Mode Register) [R/W] [0x0000] [0x00]
This register is used for S/W reset, ping block mode, PPPoE mode and Indirect bus I/F.
7
6
5
4
3
2
1
0
RST
PB
PPPoE
AI
IND
Bit
Symbol
Description
7
RST
S/W Reset
If this bit is ‘1’, internal register will be initialized. It will be automatically
cleared after reset.
6
Reserved
Reserved
5
Reserved
Reserved
4
PB
Ping Block Mode
0 : Disable Ping block
1 : Enable Ping block
If the bit is set as ‘1’, there is no response to the ping request.
3
PPPoE
PPPoE Mode
0 : Disable PPPoE mode
1 : Enable PPPoE mode
If you use ADSL without router or etc, you should set the bit as ‘1’ to
connect to ADSL Server. For more detail, refer to the application note,
“How to connect ADSL”.
2
Not Used
Not Used
1
AI
Address Auto-Increment in Indirect Bus I/F
0 : Disable auto-increment
1 : Enable auto-increment
At the Indirect Bus I/F mode, if this bit is set as ‘1’, the address will be
automatically increased by 1 whenever read and write are performed. For
more detail, refer to “6.2 Indirect Bus IF Mode”.
0
IND
Indirect Bus I/F mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com