Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5100 Datasheet(PDF) 39 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 39 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 35Page - WIZnet Co., Ltd W5100 Datasheet HTML 36Page - WIZnet Co., Ltd W5100 Datasheet HTML 37Page - WIZnet Co., Ltd W5100 Datasheet HTML 38Page - WIZnet Co., Ltd W5100 Datasheet HTML 39Page - WIZnet Co., Ltd W5100 Datasheet HTML 40Page - WIZnet Co., Ltd W5100 Datasheet HTML 41Page - WIZnet Co., Ltd W5100 Datasheet HTML 42Page - WIZnet Co., Ltd W5100 Datasheet HTML 43Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
38
5. Functional Descriptions
By setting some register and memory operation, W5100 provides internet connectivity. This
chapter describes how it can be operated.
5.1 Initialization
◼
Basic Setting
For the W5100 operation, select and utilize appropriate registers shown below.
1. Mode Register (MR)
2. Interrupt Mask Register (IMR)
3. Retry Time-value Register (RTR)
4. Retry Count Register (RCR)
For more information of above registers, refer to the “Register Descriptions”.
◼
Setting network information
Below register is for basic network configuration information to be configured according to
the network environment.
1. Gateway Address Register (GAR)
2. Source Hardware Address Register (SHAR)
3. Subnet Mask Register (SUBR)
4. Source IP Address Register (SIPR)
The Source Hardware Address Register (SHAR) is the H/W address to be used in MAC layer, and
can be used with the address that manufacturer has been assigned. The MAC address can be
assigned from IEEE. For more detail, refer to IEEE homepage.
◼
Set socket memory information
This stage sets the socket tx/rx memory information. The base address and mask address of
each socket are fixed and saved in this stage.
In case of, assign 2K rx memory per socket.
{
RMSR = 0x55; // assign 2K rx memory per socket.
gS0_RX_BASE = chip_base_address + RX_memory_base_address(0x6000);
gS0_RX_MASK = 2K – 1 ; // 0x07FF, for getting offset address within assigned socket 0 RX
memory.
gS1_RX_BASE = gS0_BASE + (gS0_MASK + 1);
gS1_RX_MASK = 2K – 1 ;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com