Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5100 Datasheet(PDF) 28 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 28 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 24Page - WIZnet Co., Ltd W5100 Datasheet HTML 25Page - WIZnet Co., Ltd W5100 Datasheet HTML 26Page - WIZnet Co., Ltd W5100 Datasheet HTML 27Page - WIZnet Co., Ltd W5100 Datasheet HTML 28Page - WIZnet Co., Ltd W5100 Datasheet HTML 29Page - WIZnet Co., Ltd W5100 Datasheet HTML 30Page - WIZnet Co., Ltd W5100 Datasheet HTML 31Page - WIZnet Co., Ltd W5100 Datasheet HTML 32Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
27
It is applied only in case of MULTI bit is ‘1’
4
Reserved
Reserved
3
P3
Protocol
Sets up corresponding socket as TCP, UDP, or IP RAW mode
P3
P2
P1
P0
Meaning
0
0
0
0
Closed
0
0
0
1
TCP
0
0
1
0
UDP
0
0
1
1
IPRAW
* In case of socket 0, MACRAW and PPPoE mode exist.
P3
P2
P1
P0
Meaning
0
1
0
0
MACRAW
0
1
0
1
PPPoE
2
P2
1
P1
0
P0
Sn_CR (Socket n Command Register) [R/W] [0x0401, 0x0501, 0x0601, 0x0701] [0x00]
This register is utilized for socket n initialization, close, connection establishment,
termination, data transmission and command receipt. After performing the commands, the
register value will be automatically cleared to 0x00.
Value
Symbol
Description
0x01
OPEN
It is used to initialize the socket. According to the value of Socket n
Mode Register (Sn_MR), Socket n Status Register(Sn_SR) value is
changed to SOCK_INIT, SOCK_UDP, SOCK_IPRAW, or SOCK_MACRAW.
For more detail, refer to 5. Functional Description.
0x02
LISTEN
It is only used in TCP mode.
It changes the value of Socket n Status Register (Sn_SR) to SOCK_LISTEN
in order to wait for a connection request from any remote peer (TCP
Client).
For more detail, refer to 5.2.1.1 SERVER mode.
0x04
CONNECT
It is only used in TCP mode.
It sends a connection request to remote peer(TCP SERVER). If the
connection is failed, Timeout interrupt will occur.
For more detail, refer to 5.2.1.2 CLIENT mode.
0x08
DISCON
It is only used in TCP mode.
It sends a connection termination request. If connection termination is
failed, Timeout interrupt will occur. For more detail, refer to 5.2.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com