Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5100 Datasheet(PDF) 34 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 34 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 30Page - WIZnet Co., Ltd W5100 Datasheet HTML 31Page - WIZnet Co., Ltd W5100 Datasheet HTML 32Page - WIZnet Co., Ltd W5100 Datasheet HTML 33Page - WIZnet Co., Ltd W5100 Datasheet HTML 34Page - WIZnet Co., Ltd W5100 Datasheet HTML 35Page - WIZnet Co., Ltd W5100 Datasheet HTML 36Page - WIZnet Co., Ltd W5100 Datasheet HTML 37Page - WIZnet Co., Ltd W5100 Datasheet HTML 38Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
33
Sn_PROTO (Socket n IP Protocol Register) [R/W] [0x0414, 0x0514, 0x0614, 0x0714]
[0x00]
This IP Protocol Register is used to set up the Protocol Field of IP Header at the IP Layer RAW
Mode. There are several protocol numbers defined in advance by registering to IANA. For the
overall list of upper level protocol identification number that IP is using, refer to online
documents of IANA (http://www.iana.org/assignments/protocol-numbers).
Ex) Internet Control Message Protocol (ICMP) = 0x01, Internet Group Management Protocol =
0x02
Sn_TOS (Socket n IP Type Of Service Register) [R/W] [0x0415,0x0515,0x0615,0x0715]
[0x00]
This register sets up at the TOS(Type of Service) Field of IP Header.
Sn_TTL (Socket n IP Time To Live Register) [R/W] [0x0416,0x0516,0x0616,0x0716] [0x80]
This register sets up at the TTL(Time To Live) Field of IP Header.
Sn_TX_FSR (Socket n TX Free Size Register) [R] [0x0420-0x0421, 0x0520-0x0521,
0x0620-0x0621, 0x0720-0x0721] [0x0800]
This register notifies the information of data size that user can transmit. For data
transmission, user should check this value first and control the size of transmitting data.
When checking this register, user should read upper byte(0x0420,0x0520,0x0620,0x0720) first
and lower byte(0x0421,0x0521,0x0621,0x0721) later to get the correct value.
Ex) In case of 2048(0x0800) in S0_TX_FSR,
0x0420
0x0421
0x08
0x00
Total size can be decided according to the value of TX Memory Size Register. In the process of
transmission, it will be reduced by the size of transmitting data, and automatically increased
after transmission finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com