Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS25BA Datasheet(PDF) 6 Page - STMicroelectronics

Part # LIS25BA
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BA Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LIS25BA Datasheet HTML 2Page - STMicroelectronics LIS25BA Datasheet HTML 3Page - STMicroelectronics LIS25BA Datasheet HTML 4Page - STMicroelectronics LIS25BA Datasheet HTML 5Page - STMicroelectronics LIS25BA Datasheet HTML 6Page - STMicroelectronics LIS25BA Datasheet HTML 7Page - STMicroelectronics LIS25BA Datasheet HTML 8Page - STMicroelectronics LIS25BA Datasheet HTML 9Page - STMicroelectronics LIS25BA Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Pin description
LIS25BA
6/32
DocID031510 Rev 4
1
Pin description
Figure 1. Pin connections
Table 2. Pin description
Pin#
Name
IN/OUT
Function
1
I2C_SCL(1)
IN
I²C serial clock - SCL
2
I2C_SDA(1)
IN/OUT I²C serial data - SDA
3
TDM_BCLK
IN
TDM bit clock
4
TDM_WCLK
IN
TDM word clock
5
TDM_SDOUT
OUT
TDM serial data output
6
RES (GND)
-
Reserved pin (connect to GND)
7
TDM_MCLK
IN
TDM master clock
8
VDD
Power supply
9
GND
0 V supply
10
RES (VDD)
-
Reserved pin (connect to VDD)
11
I2C_A0
IN
I²C slave address selection
12
RES (GND)
-
Reserved pin (connect to GND)
13
RES (GND)
-
Reserved pin (connect to GND)
14
RES (GND)
-
Reserved pin (connect to GND)
1. Only for test and trim. I²C timing values are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com