Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS25BA Datasheet(PDF) 31 Page - STMicroelectronics

Part # LIS25BA
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BA Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LIS25BA Datasheet HTML 24Page - STMicroelectronics LIS25BA Datasheet HTML 25Page - STMicroelectronics LIS25BA Datasheet HTML 26Page - STMicroelectronics LIS25BA Datasheet HTML 27Page - STMicroelectronics LIS25BA Datasheet HTML 28Page - STMicroelectronics LIS25BA Datasheet HTML 29Page - STMicroelectronics LIS25BA Datasheet HTML 30Page - STMicroelectronics LIS25BA Datasheet HTML 31Page - STMicroelectronics LIS25BA Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
DocID031510 Rev 4
31/32
LIS25BA
Revision history
32
10
Revision history
Table 28. Document revision history
Date
Revision
Changes
05-Feb-2018
1
Initial release
07-May-2018
2
Document status promoted to production data
Updated pin 11 in Table 2: Pin description
Added footnote 5 to Table 3: Mechanical characteristics
Updated footnote 3 and 4 of Table 4: Electrical characteristics
Updated Section 6.1: Self-test mode
Updated TEST_REG (0Bh), CTRL_REG (26h), and AXES_CTRL_REG (2Fh)
24-May-2018
3
Updated bandwidth in Features and in Table 3: Mechanical characteristics
Updated test conditions of IddD1 in Table 4: Electrical characteristics
Updated Table 16: Register address map
Updates throughout Section 8: Register description
03-May-2019
4
Added Section 9.2: LGA-14 packing information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com