Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS25BA Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS25BA
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BA Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS25BA Datasheet HTML 6Page - STMicroelectronics LIS25BA Datasheet HTML 7Page - STMicroelectronics LIS25BA Datasheet HTML 8Page - STMicroelectronics LIS25BA Datasheet HTML 9Page - STMicroelectronics LIS25BA Datasheet HTML 10Page - STMicroelectronics LIS25BA Datasheet HTML 11Page - STMicroelectronics LIS25BA Datasheet HTML 12Page - STMicroelectronics LIS25BA Datasheet HTML 13Page - STMicroelectronics LIS25BA Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Mechanical and electrical specifications
LIS25BA
10/32
DocID031510 Rev 4
2.3
Absolute maximum ratings
Stresses above those listed as “Absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Note:
Supply voltage on any pin should never exceed 4.8 V
Table 5. Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.3 to 4.8
V
STR
Storage temperature range
-40 to +125
°C
Sg
MIL-STD-883H, Method 2002.5, Condition F
20,000
g
MIL-STD-883H, Method 2002.5, Condition E
10,000
MIL-STD-883H, Method 2002.5, Condition D
5,000
EDP
Electrostatic discharge protection (HBM)
2
kV
VMAX
Maximum input voltage on all input pins
4.8
V
VMIN
Minimum input voltage on all input pins
-0.3
V
IIN
Input current on all I/O pins
(does not cause SCR latch-up)
+/-10
mA
This device is sensitive to mechanical shock, improper handling can cause
permanent damage to the part.
This device is sensitive to electrostatic discharge (ESD), improper handling can
cause permanent damage to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com