Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS25BA Datasheet(PDF) 16 Page - STMicroelectronics

Part # LIS25BA
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BA Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LIS25BA Datasheet HTML 12Page - STMicroelectronics LIS25BA Datasheet HTML 13Page - STMicroelectronics LIS25BA Datasheet HTML 14Page - STMicroelectronics LIS25BA Datasheet HTML 15Page - STMicroelectronics LIS25BA Datasheet HTML 16Page - STMicroelectronics LIS25BA Datasheet HTML 17Page - STMicroelectronics LIS25BA Datasheet HTML 18Page - STMicroelectronics LIS25BA Datasheet HTML 19Page - STMicroelectronics LIS25BA Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
TDM interface specifications
LIS25BA
16/32
DocID031510 Rev 4
4.2
Frame synchronization (WCLK)
The function of the WCLK is simply to identify the beginning of a frame. In particular the
frame start at the rising edge of WCLK, and the WCLK widths supported are:
50% duty cycle
One slot width (16 BCLK)
One BCLK width
In TDM mode, LIS25BA shall output accelerometer data on the SDOUT pin at the following
sampling rates:
WCLK = 8 kHz
WCLK = 16 kHz
WCLK = 24 kHz
As depicted in Figure 6, the TDM input sampling rate (ODR_8kHz, ODR_16kHz and
ODR_24kHz), and the associated data inputs (dataX_8kHz, dataX_16kHz, dataX_24kHz,
dataY_8kHz, dataY_16kHz, dataY_24kHz, dataZ_8kHz, dataZ_16kHz and dataZ_24kHz )
can be selected in two different ways:
1.
Using the I²C register wclk_fq (TDM_CTRL_REG (2Eh), bits 2 and 1). In this case the
I²C register ODR_AUTO_EN (AXES_CTRL_REG (2Fh), bit 0) is equal to zero, that
means that the ODR_auto functionality is disabled.
2.
Using the output of the ODR_auto block (ODR_AUTO_EN (AXES_CTRL_REG (2Fh),
bit 0) equal to one). This latter simply receives as inputs both the MCLK and the WCLK
and it computes the current sampling frequency as a ratio between the MCLK and
WCLK.
The possible outputs of the ODR_auto block are:
a)
00: sampling rate equal to 8 kHz (MCLK/WCLK = 1536)
b)
01: sampling rate equal to 16 kHz (MCLK/WCLK = 768)
c)
10: sampling rate equal to 24 kHz (MCLK/WCLK = 512)
Observing Figure 6, it is possible to see, that if a ratio between MCLK and WCLK differ from
1536, 768 and 512, the sampling rate equal to 8 kHz is selected.
4.3
Serial clock (BCLK)
The sole purpose of the serial clock BCLK is to shift the data out of the serial SDOUT port.
To this purpose, the TDM interface uses an internal counter that is set to one when the rising
edge of the WCLK is detected, and it is reset to zero when the maximum number of BCLK in
a WCLK period is reached.
The maximum number of BCLK contained in a WCLK period (cmax input of the TDM in
Figure 6) can be expressed as a function of both the BCLK and WCLK frequencies, and can
be computed using the following equation:
Equation 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com