Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS25BA Datasheet(PDF) 27 Page - STMicroelectronics

Part # LIS25BA
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BA Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LIS25BA Datasheet HTML 23Page - STMicroelectronics LIS25BA Datasheet HTML 24Page - STMicroelectronics LIS25BA Datasheet HTML 25Page - STMicroelectronics LIS25BA Datasheet HTML 26Page - STMicroelectronics LIS25BA Datasheet HTML 27Page - STMicroelectronics LIS25BA Datasheet HTML 28Page - STMicroelectronics LIS25BA Datasheet HTML 29Page - STMicroelectronics LIS25BA Datasheet HTML 30Page - STMicroelectronics LIS25BA Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
DocID031510 Rev 4
27/32
LIS25BA
Register description
32
8.5
TDM_CTRL_REG (2Eh)
Table 23. TDM_CTRL_REG register
8.6
AXES_CTRL_REG (2Fh)
Table 25. AXES_CTRL_REG register
TDM_pd
Delayed
data_valid
mapping
0(1)
1. For proper operation of the device, this bit must be set to ‘0’.
WCLK_fq1
WCLK_fq0
0(1)
Table 24. TDM_CTRL_REG register description
TDM_pd
TDM enable. Default value: 1
(0: TDM on; 1: TDM off)
Delayed
TDM delayed configuration. Default value: 1
(0: TDM no delayed configuration; 1: TDM delayed configuration)
data_valid
TDM data valid. Default value: 1
(0: data valid on the rise edge of BCLK; 1: data valid on the falling edge of BCLK)
mapping
TDM mapping. Default value: 1
(0: AXEX --> SLOT0; AXEY --> SLOT1; AXEZ --> SLOT2;
1: AXEX --> SLOT4; AXEY --> SLOT5; AXEZ --> SLOT6)
WCLK_fq [1:0]
TDM clock frequencies. Default value: 00
(00: WCLK = 8 kHz;
01: WCLK = 16 kHz;
10: WCLK = 24 kHz)
AXISZ_EN AXISY_EN AXISX_EN
0(1)
1. For proper operation of the device, this bit must be set to ‘0’.
0(1)
0(1)
0(1)
ODR_AUTO_EN
Table 26. AXES_CTRL_REG register description
AXISZ_EN
Z-axis enable. Default value: 1
(0: disabled; 1: enabled)
AXISY_EN
Y-axis enable. Default value: 1
(0: disabled; 1: enabled)
AXISX_EN
X-axis enable. Default value: 1
(0: disabled; 1: enabled)
ODR_AUTO_EN ODR AUTO enable. Default value: 1
(0: ODR and BCLK auto disabled(1); 1: ODR and BCLK auto enabled(2))
1. In this case it is mandatory to set TDM_CTRL_REG (2Eh) bits 2 and 1 to match the WCLK sampling rate
and TDM_cmax (24h-25h) to match the BCLK/WCLK ratio
2. LIS25BA automatically measures the ratio r = MCLK/WCLK. The WCLK frequency is internally
determined as FW=12.288 MHz/r. FW will be used to configure automatically the decimation ratio between
the ADC and TDM input data rate (same as TDM output data rate) bypassing TDM_CTRL_REG (2Eh) bits
2 and 1 configuration. When ODR_AUTO is ‘1’ also the BCLK/WCLK ratio is automatically computed for
proper TDM configuration as described in TDM_cmax (24h-25h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com