Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS25BA Datasheet(PDF) 17 Page - STMicroelectronics

Part # LIS25BA
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BA Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LIS25BA Datasheet HTML 13Page - STMicroelectronics LIS25BA Datasheet HTML 14Page - STMicroelectronics LIS25BA Datasheet HTML 15Page - STMicroelectronics LIS25BA Datasheet HTML 16Page - STMicroelectronics LIS25BA Datasheet HTML 17Page - STMicroelectronics LIS25BA Datasheet HTML 18Page - STMicroelectronics LIS25BA Datasheet HTML 19Page - STMicroelectronics LIS25BA Datasheet HTML 20Page - STMicroelectronics LIS25BA Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
DocID031510 Rev 4
17/32
LIS25BA
TDM interface specifications
32
In order to support a serial clock BCLK variable in the range [1024 MHz, 12.288 MHz], and
consequently to compute the correct maximum value of the internal TDM counter, two
possible solutions can be selected:
The cmax value at the input of the TDM interface can be computed on the fly
employing the BCLK_AUTO block (see Figure 6), which is able to compute the cmax
value using Equation 1. This functionality by default is enabled, and can be disabled
employing the I²C register ODR_AUTO_EN (AXES_CTRL_REG (2Fh) bit 0).
The TDM cmax can be programmed through the I²C registers TDM_cmax (24h-25h).
4.4
TDM axes mapping
Within one frame, the data signal (DOUT) is divided into multiple segments. We call each
segment a slot thereafter in this document.
The data slot width is fixed and equal to 16 bits.
In each slot, data should be left-justified (MSB first).
The number of slots in a WCLK frame can be variable, and it depends on the ratio
between
BCLK and WCLK. However, as depicted in Figure 7 and Figure 8, only the slots 0,1,2
and 4,5,6 can be used to send accelerometer data, all the others slots are always set in
high-impedance.
The mapping between the input data and the TDM output slots is flexible and can be
configured through the I²C register mapping (TDM_CTRL_REG (2Eh) bit 4) in Figure 6
.
In particular two possible configurations can be selected:
Axes data (X,Y,Z) mapped on TDM slots (0,1,2) (mapping = 0)
Axes data (X,Y,Z) mapped on TDM slots (4,5,6) (mapping = 1)
Figure 7. Axes X, Y, Z mapped to SLOT0, SLOT1, SLOT2
Figure 8. Axes X, Y, Z mapped to SLOT4, SLOT5, SLOT6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com