Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS25BA Datasheet(PDF) 21 Page - STMicroelectronics

Part # LIS25BA
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BA Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LIS25BA Datasheet HTML 17Page - STMicroelectronics LIS25BA Datasheet HTML 18Page - STMicroelectronics LIS25BA Datasheet HTML 19Page - STMicroelectronics LIS25BA Datasheet HTML 20Page - STMicroelectronics LIS25BA Datasheet HTML 21Page - STMicroelectronics LIS25BA Datasheet HTML 22Page - STMicroelectronics LIS25BA Datasheet HTML 23Page - STMicroelectronics LIS25BA Datasheet HTML 24Page - STMicroelectronics LIS25BA Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DocID031510 Rev 4
21/32
LIS25BA
I²C- inter-IC control interface
32
5
I²C- inter-IC control interface
5.1
I²C interface
The registers embedded inside the LIS25BA may be accessed also through the I²C serial
interfaces.
The LIS25BA I²C is a bus slave. The I²C is employed to write data into registers whose
content can also be read back.
The relevant I²C terminology is given in the table below.
There are two signals associated with the I²C bus: the serial clock line (SCL) and the serial
data line (SDA). The latter is a bidirectional line used for sending and receiving the data
to/from the interface. Both lines must be connected to Vdd through an external pull-up
resistor. When the bus is free, both lines are high.
The I²C interface is compliant with fast mode (400 kHz) I²C standards as well as with the
normal mode.
5.2
I²C interface details
The transaction on the bus is started through a START signal. A START condition is defined
as a HIGH to LOW transition on the data line while the SCL line is held HIGH (refer to ST
condition in the following paragraph). After this signal has been transmitted by the master,
the bus is considered busy. The next byte of data transmitted after the start condition
contains the address of the slave in the first 7 bits and the eighth bit tells whether the master
is receiving data from the slave or transmitting data to the slave (SAD subsequences).
When an address is sent, each device in the system compares the first seven bits after a
start condition with its address. If they match, the device considers itself addressed by the
master. The address can be made up of a programmable part and a fixed part, thus allowing
more than one device of the same type to be connected to the I²C bus.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line
during the acknowledge pulse. The receiver must then pull the data line LOW so that it
remains stable low during the HIGH period of the acknowledge clock pulse (SAK
subsequence). A receiver which has been addressed is obliged to generate an
Table 10. I²C serial interface pin description
Pin name
Pin description
I2C_SCL
I²C serial clock (SCL)
I2C_SDA
I²C serial data (SDA)
Table 11. I²C terminology
Term
Description
Transmitter The device which sends data to the bus
Receiver
The device which receives data from the bus
Master
The device which initiates a transfer, generates clock signals and terminates a transfer
Slave
The device addressed by the master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com