Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS25BATR Datasheet(PDF) 7 Page - STMicroelectronics

Part # LIS25BATR
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BATR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LIS25BATR Datasheet HTML 3Page - STMicroelectronics LIS25BATR Datasheet HTML 4Page - STMicroelectronics LIS25BATR Datasheet HTML 5Page - STMicroelectronics LIS25BATR Datasheet HTML 6Page - STMicroelectronics LIS25BATR Datasheet HTML 7Page - STMicroelectronics LIS25BATR Datasheet HTML 8Page - STMicroelectronics LIS25BATR Datasheet HTML 9Page - STMicroelectronics LIS25BATR Datasheet HTML 10Page - STMicroelectronics LIS25BATR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
DocID031510 Rev 4
7/32
LIS25BA
Mechanical and electrical specifications
32
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted(a).
a. The product is factory calibrated at 1.8 V. The operational power supply range is from 1.71 V to 1.99 V.
Table 3. Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
FS
Measurement range
After factory calibration
(trimming performed with 1 g DC stimulus)
3.26
3.85
4.16
g
So
Sensitivity
After factory calibration
(trimming performed with 1 g DC stimulus)
0.112
0.122
0.132
mg/LSB
After factory calibration
(trimming performed with 1 g DC stimulus)
-11.37 -11.71 -12.38
dBFS/g
After factory calibration - 100 Hz 1 grms
sine stimulus
-8.37
-8.71
-9.38 dBFS/grms
TCSo
Sensitivity change
vs. temperature
-0.08
+0.08
%/°C
TyOff
Zero-g level offset
accuracy
-300
+300
mg
TCOff
Zero-g level change
vs. temperature
-3.5
+3.5
mg/°C
An
Acceleration noise
X-axis, Y-axis, FS = ±3.85 g, BW = 2400 Hz
1.5
mg rms
Z-axis, FS = ±3.85 g, BW = 2400 Hz
2.4
BW
Signal bandwidth(2)
(DC coupling)
MCLK accuracy ±0.1%
2400
Hz
NL
Non-linearity(3)
-2
+2
%FS
RFm
Mechanical resonant
frequency of the
MEMS element
X-axis
5150
Hz
Y-axis
5150
Hz
Z-axis
4950
Hz
ST
Self-test(4)
X-axis
300
950
mg
Y-axis
300
950
mg
Z-axis
500
2700
mg
THD+N
Total Harmonic
Distortion + Noise(5)
@ sinusoidal vibration of 1 g peak,
freq = 1 kHz
1
%
1. Typical specifications are not guaranteed.
2. By design.
3. MEMS non-linearity based on simulation data.
4. Values are based on preliminary corner simulation data.
5. Max. value is guaranteed by characterization and not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com