Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS25BATR Datasheet(PDF) 20 Page - STMicroelectronics

Part # LIS25BATR
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BATR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LIS25BATR Datasheet HTML 16Page - STMicroelectronics LIS25BATR Datasheet HTML 17Page - STMicroelectronics LIS25BATR Datasheet HTML 18Page - STMicroelectronics LIS25BATR Datasheet HTML 19Page - STMicroelectronics LIS25BATR Datasheet HTML 20Page - STMicroelectronics LIS25BATR Datasheet HTML 21Page - STMicroelectronics LIS25BATR Datasheet HTML 22Page - STMicroelectronics LIS25BATR Datasheet HTML 23Page - STMicroelectronics LIS25BATR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
TDM interface specifications
LIS25BA
20/32
DocID031510 Rev 4
4.6
TDM clocks and MCLK requirements
The relationship between TDM clocks and MCLK should be:
Both BCLK and WCLK must be obtained from MCLK by integer division. This
requirement is mandatory since ADC is clocked by MCLK, so the TDM data rate must
be perfectly synchronous in frequency and phase with the decimated ADC data rate.
The BCLK/WCLK ratio must be an integer value.
4.7
I²C axis disable
In TDM mode, a host processor can power down each axis of the LIS25BA accelerometer
independently, overriding the I²C registers (AXISX_EN, AXISY_EN, AXISZ_EN in
AXES_CTRL_REG (2Fh)) interface to reduce power consumption during operation.
When an axis is powered down, the corresponding TDM slot will be put in HiZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com